Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1.5KE11
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1.5KE11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1.5KE11 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5KE11 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5KE11 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5KE11 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N6267 thru 1N6303A
1.5KE6.8 thru 1.5KE440CA
Document Number: 1N6267 thru 1N303A, 1.5KE6.8 thru 1.5KE440CA
www.smsemi.com
Feb.29,2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Industry
Type
Number
JEDEC
Type
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
(Note1)
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of V(BR)
MIN
MA
X
IBR
(mA)
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR) (%/℃)
-
1N5908
6.00
-
1
5.00
300
30
7.6
.057
1.5KE6.8
1.5KE6.8A
1.5KE7.5
1.5KE7.5A
1N6267
1N6267A
1N6268
1N6268A
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
5.50
5.80
6.05
6.40
1000
1000
500
500
139.0
143.0
128.0
132.0
10.8
10.5
11.7
11.3
.057
.057
.061
.061
1.5KE8.2
1.5KE8.2A
1.5KE9.1
1.5KE9.1A
1N6269
1N6269A
1N6270
1N6270A
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10
10
1
1
6.63
7.02
7.37
7.78
200
200
50
50
120.0
124.0
109.0
112.0
12.5
12.1
13.8
13.4
.065
.065
.068
.068
1.5KE10
1.5KE10A
1.5KE11
1.5KE11A
1N6271
1N6271A
1N6272
1N6272A
9.0
9.5
9.9
10.5
11.0
10.5
12.1
11.6
1
1
1
1
8.10
8.55
8.92
9.40
10
10
5
5
100.0
103.0
93.0
96.0
15.0
14.5
16.2
15.6
.073
.073
.075
.075
1.5KE12
1.5KE12A
1.5KE13
1.5KE13A
1N6273
1N6273A
1N6274
1N6274A
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1
1
1
1
9.72
10.2
10.5
11.1
5
5
5
5
87.0
90.0
79.0
82.0
17.3
16.7
19.0
18.2
.078
.078
.081
.081
1.5KE15
1.5KE15A
1.5KE16
1.5KE16A
1N6275
1N6275A
1N6276
1N6276A
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1
1
1
1
12.1
12.8
12.9
13.6
1
1
1
1
68.0
71.0
64.0
67.0
22.0
21.2
23.5
22.5
.084
.084
.086
.086
1.5KE18
1.5KE18A
1.5KE20
1.5KE20A
1N6277
1N6277A
1N6278
1N6278A
16.2
17.1
18.0
19.0
19.8
18.9
22.0
21.0
1
1
1
1
14.5
15.3
16.2
17.1
1
1
1
1
56.5
59.5
51.5
54.0
26.5
25.2
29.1
27.7
.088
.088
.090
.090
1.5KE22
1.5KE22A
1.5KE24
1.5KE24A
1N6279
1N6279A
1N6280
1N6280A
19.8
20.9
21.6
22.8
24.2
23.1
26.4
25.2
1
1
1
1
17.8
18.8
19.4
20.5
1
1
1
1
47.0
49.0
43.0
45.0
31.9
30.6
34.7
33.2
.092
.092
.094
.094
1.5KE27
1.5KE27A
1.5KE30
1.5KE30A
1N6281
1N6281A
1N6282
1N6282A
24.3
25.7
27.0
28.5
29.7
28.4
33.0
31.5
1
1
1
1
21.8
23.1
24.3
25.6
1
1
1
1
38.5
40.0
34.5
36.0
39.1
37.5
43.5
41.4
.096
.096
.097
.097
1.5KE33
1.5KE33A
1.5KE36
1.5KE36A
1N6283
1N6283A
1N6284
1N6284A
29.7
31.4
32.4
34.2
36.3
34.7
39.6
37.8
1
1
1
1
26.8
28.2
29.1
30.8
1
1
1
1
31.5
33.0
29.0
30.0
47.7
45.7
52.0
49.9
.098
.098
.099
.099
1.5KE39
1.5KE39A
1.5KE43
1.5KE43A
1N6285
1N6285A
1N6286
1N6286A
35.1
37.1
38.7
40.9
42.9
41.0
47.3
45.2
1
1
1
1
31.6
33.3
34.8
36.8
1
1
1
1
26.5
28.0
24.0
25.3
56.4
53.9
61.9
59.3
.100
.100
.101
.101
1.5KE47
1.5KE47A
1.5KE51
1.5KE51A
1N6287
1N6287A
1N6288
1N6288A
42.3
44.7
45.9
48.5
51.7
49.4
56.1
53.6
1
1
1
1
38.1
40.2
41.3
43.6
1
1
1
1
22.2
23.2
20.4
21.4
67.8
64.8
73.5
70.1
.101
.101
.102
.102
1.5KE56
1.5KE56A
1.5KE62
1.5KE62A
1N6289
1N6289A
1N6290
1N6290A
50.4
53.2
55.8
58.9
61.6
58.8
68.2
65.1
1
1
1
1
45.4
47.8
50.2
53.0
1
1
1
1
18.6
19.5
16.9
17.7
80.5
77.0
89.0
85.0
.103
.103
.104
.104
打印无效


Similar Part No. - 1.5KE11

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1.5KE11 DAESAN-1.5KE11 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE11 TRSYS-1.5KE11 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
1.5KE11 YEASHIN-1.5KE11 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE11 DIOTEC-1.5KE11 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE11

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com