Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP45A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 15KP45A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

15KP45A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  15KP45A Datasheet HTML 1Page - List of Unclassifed Manufacturers 15KP45A Datasheet HTML 2Page - List of Unclassifed Manufacturers 15KP45A Datasheet HTML 3Page - List of Unclassifed Manufacturers 15KP45A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15KP17 thru 15KP280CA
Document Number: 15KP17 thru 15KP280CA
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
(Note 2)
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
(Note 1)
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR)(mV/℃)
15KP17
15KP17A
15KP18
15KP18A
18.9
18.9
20.0
20.0
23.1
20.9
24.4
22.1
50
50
50
50
17.0
17.0
18.0
18.0
5000
5000
5000
5000
464
512
439
485
32.3
29.3
34.2
30.9
19
17
20
18
15KP20
15KP20A
15KP22
15KP22A
22.2
22.2
24.4
24.4
27.1
24.5
29.8
26.9
20
20
10
10
20.0
20.0
22.0
22.0
1500
1500
500
500
396
437
365
404
37.9
34.3
41.1
37.1
24
21
27
24
15KP24
15KP24A
15KP26
15KP26A
26.7
26.7
28.9
28.9
32.6
29.5
35.3
31.9
5
5
5
5
24.0
24.0
26.0
26.0
150
150
50
50
333
369
308
341
45.0
40.7
48.7
44.0
30
27
32
29
15KP28
15KP28A
15KP30
15KP30A
31.1
31.1
33.3
33.3
38.0
34.4
40.7
36.8
5
5
5
5
28.0
28.0
30.0
30.0
25
25
15
15
286
316
267
296
52.4
47.5
56.2
50.7
35
31
27
34
15KP33
15KP33A
15KP36
15KP36A
36.7
36.7
40.0
40.0
44.9
40.6
48.9
44.2
5
5
5
5
33.0
33.0
36.0
36.0
10
10
10
10
248
274
227
251
60.6
54.8
66.0
59.7
42
38
46
41
15KP40
15KP40A
15KP43
15KP43A
44.4
44.4
47.8
47.8
54.3
49.1
58.4
52.8
5
5
5
5
40.0
40.0
43.0
43.0
10
10
10
10
206
228
195
215
72.8
65.8
77.1
69.7
51
46
55
50
15KP45
15KP45A
15KP48
15KP48A
50.0
50.0
53.3
53.3
61.1
55.3
65.1
58.9
5
5
5
5
45.0
45.0
48.0
48.0
10
10
10
10
186
205
175
193
80.7
73.0
85.9
77.7
57
52
62
56
15KP51
15KP51A
15KP54
15KP54A
56.7
56.7
60.0
60.0
69.3
62.7
73.6
66.3
5
5
5
5
51.0
51.0
54.0
54.0
10
10
10
10
164
181
155
171
91.5
82.8
96.8
87.5
66
60
70
63
15KP58
15KP58A
15KP60
15KP60A
64.4
64.4
66.7
66.7
78.7
71.2
81.5
73.7
5
5
5
5
58.0
58.0
60.0
60.0
10
10
10
10
144
160
140
154
104.0
94.0
107.0
97.3
76
68
78
71
15KP64
15KP64A
15KP70
15KP70A
71.1
71.1
77.8
77.8
86.9
78.6
95.1
86.0
5
5
5
5
64.0
64.0
70.0
70.0
10
10
10
10
130
144
119
132
115.0
104.0
126.0
114.0
84
76
92
83
15KP75
15KP75A
15KP78
15KP78A
83.3
83.3
86.7
86.7
102.0
92.1
106.0
95.8
5
5
5
5
75.0
75.0
78.0
78.0
10
10
10
10
111
123
107
119
135.0
122.0
140.0
126.0
100
89
104
93
15KP85
15KP85A
15KP90
15KP90A
94.4
94.4
100.0
100.0
115.0
104.0
122.0
111.0
5
5
5
5
85.0
85.0
90.0
90.0
10
10
10
10
99
109
94
103
152.0
137.0
160.0
146.0
113
102
120
109
15KP100
15KP100A
15KP110
15KP110A
111.0
111.0
122.0
122.0
136.0
123.0
149.0
135.0
5
5
5
5
100.0
100.0
110.0
110.0
10
10
10
10
84
93
77
84
179.0
162.0
196.0
178.0
134
121
147
133
打印无效


Similar Part No. - 15KP45A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP45A EIC-15KP45A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP45A DIGITRON-15KP45A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP45A MICROSEMI-15KP45A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP45A SUNMATE-15KP45A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP45A LITTELFUSE-15KP45A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP45A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com