Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD82559ER Datasheet(PDF) 5 Page - Intel Corporation

Part # GD82559ER
Description  PCI Controller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559ER Datasheet(HTML) 5 Page - Intel Corporation

  GD82559ER Datasheet HTML 1Page - Intel Corporation GD82559ER Datasheet HTML 2Page - Intel Corporation GD82559ER Datasheet HTML 3Page - Intel Corporation GD82559ER Datasheet HTML 4Page - Intel Corporation GD82559ER Datasheet HTML 5Page - Intel Corporation GD82559ER Datasheet HTML 6Page - Intel Corporation GD82559ER Datasheet HTML 7Page - Intel Corporation GD82559ER Datasheet HTML 8Page - Intel Corporation GD82559ER Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Datasheet
v
Networking Silicon — GD82559ER
8.1.10 Flow Control Register ....................................................................................... 60
8.1.11 Power Management Driver Register ................................................................ 60
8.1.12 General Control Register..................................................................................61
8.1.13 General Status Register ................................................................................... 61
8.2
Statistical Counters........................................................................................................... 62
9.
PHY UNIT REGISTERS ................................................................................................................ 65
9.1
MDI Registers 0 - 7........................................................................................................... 65
9.1.1
Register 0: Control Register Bit Definitions ..................................................... 65
9.1.2
Register 1: Status Register Bit Definitions ....................................................... 66
9.1.3
Register 2: PHY Identifier Register Bit Definitions ........................................... 67
9.1.4
Register 3: PHY Identifier Register Bit Definitions ........................................... 67
9.1.5
Register 4: Auto-Negotiation Advertisement Register Bit Definitions .............. 67
9.1.6
Register 5: Auto-Negotiation Link Partner Ability Register Bit Definitions ....... 67
9.1.7
Register 6: Auto-Negotiation Expansion Register Bit Definitions .................... 68
9.2
MDI Registers 8 - 15.........................................................................................................68
9.3
MDI Register 16 - 31 ........................................................................................................ 68
9.3.1
Register 16: PHY Unit Status and Control Register Bit Definitions ................. 68
9.3.2
Register 17: PHY Unit Special Control Bit Definitions .....................................69
9.3.3
Register 18: PHY Address Register ................................................................. 70
9.3.4
Register 19: 100BASE-TX Receive False Carrier Counter Bit Definitions ...... 70
9.3.5
Register 20: 100BASE-TX Receive Disconnect Counter Bit Definitions ......... 70
9.3.6
Register 21: 100BASE-TX Receive Error Frame Counter Bit Definitions ........ 70
9.3.7
Register 22: Receive Symbol Error Counter Bit Definitions ............................ 70
9.3.8
Register 23: 100BASE-TX Receive Premature End of Frame Error Counter
Bit Definitions .................................................................................................. 71
9.3.9
Register 24: 10BASE-T Receive End of Frame Error Counter Bit Definitions . 71
9.3.10 Register 25: 10BASE-T Transmit Jabber Detect Counter Bit Definitions ........ 71
9.3.11 Register 26: Equalizer Control and Status Bit Definitions ................................ 71
9.3.12 Register 27: PHY Unit Special Control Bit Definitions .....................................71
10.
ELECTRICAL AND TIMING SPECIFICATIONS .......................................................................... 73
10.1 Absolute Maximum Ratings .............................................................................................. 73
10.2 DC Specifications ............................................................................................................73
10.3 AC Specifications ............................................................................................................. 76
10.4 Timing Specifications........................................................................................................ 77
10.4.1 Clocks Specifications ....................................................................................... 77
10.4.2 Timing Parameters ........................................................................................... 78
12.
PACKAGE AND PINOUT INFORMATION ................................................................................... 85
12.1 Package Information.........................................................................................................85
12.2 Pinout Information ............................................................................................................86
12.2.1 GD82559ER Pin Assignments ........................................................................ 86
12.2.2 GD82559ER Ball Grid Array Diagram ............................................................. 88


Similar Part No. - GD82559ER

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82559C INTEL-GD82559C Datasheet
828Kb / 60P
   Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
More results

Similar Description - GD82559ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
   AV PCI CONTROLLER
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
List of Unclassifed Man...
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
   PCI FAST ETHERNET CONTROLLER
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
   PCI Hot Plug Controller
logo
Fujitsu Component Limit...
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
   PCI Graphics Controller Specification
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
   PCI Hot Plug Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Applied Micro Circuits ...
S5335 AMCC-S5335 Datasheet
2Mb / 189P
   PCI Bus Controller, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com