Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INDEX61075MHZ Datasheet(PDF) 10 Page - Intel Corporation

Part # INDEX61075MHZ
Description  PENTIUM PROCESSOR at iCOMP INDEX 61075 MHz
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INDEX61075MHZ Datasheet(HTML) 10 Page - Intel Corporation

Back Button INDEX61075MHZ Datasheet HTML 6Page - Intel Corporation INDEX61075MHZ Datasheet HTML 7Page - Intel Corporation INDEX61075MHZ Datasheet HTML 8Page - Intel Corporation INDEX61075MHZ Datasheet HTML 9Page - Intel Corporation INDEX61075MHZ Datasheet HTML 10Page - Intel Corporation INDEX61075MHZ Datasheet HTML 11Page - Intel Corporation INDEX61075MHZ Datasheet HTML 12Page - Intel Corporation INDEX61075MHZ Datasheet HTML 13Page - Intel Corporation INDEX61075MHZ Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
PENTIUM
®
PROCESSOR (610\75)
8
1/16/97 9:25 AM
24232302.DOC
INTEL CONFIDENTIAL
(until publication date)
Table 2. TCP Pin Cross Reference by Pin Name (Contd.)
Control
A20M#
286
BREQ
312
HITM#
293
PM1/BP1
29
ADS#
296
BUSCHK#
288
HLDA
311
PRDY
318
AHOLD
14
CACHE#
21
HOLD
4
PWT
299
AP
308
D/C#
298
IERR#
34
R/S#
198
APCHK#
315
DP0
140
IGNNE#
193
RESET
270
BE0#
285
DP1
127
INIT
192
SCYC
273
BE1#
284
DP2
114
INTR/LINT0
197
SMI#
196
BE2#
283
DP3
99
INV
15
SMIACT#
319
BE3#
282
DP4
84
KEN#
13
TCK
161
BE4#
279
DP5
71
LOCK#
303
TDI
163
BE5#
278
DP6
54
M/IO#
22
TDO
162
BE6#
277
DP7
37
NA#
8
TMS
164
BE7#
276
EADS#
297
NMI/LINT1
199
TRST#
167
BOFF#
9
EWBE#
16
PCD
300
W/R#
289
BP2
28
FERR#
31
PCHK#
316
WB/WT#
5
BP3
25
FLUSH#
287
PEN#
191
BRDY#
10
HIT#
292
PM0/BP0
30
APIC
Clock Control
PICCLK
155
PICD1
158
BF
186
STPCLK#
181
PICD0
156
[APICEN]
CLK
272
[DPEN#]


Similar Part No. - INDEX61075MHZ

ManufacturerPart #DatasheetDescription
logo
FCI connector
INDEX-A FCI-CONNECTOR-INDEX-A Datasheet
623Kb / 1P
   CHART - ASSEMBLY 4WAY FEMALE (2.80MM APEX CONN.SYSTEM)
05-25-05
More results

Similar Description - INDEX61075MHZ

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
logo
Intel Corporation
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
Semtech Corporation
MP54C SEMTECH-MP54C Datasheet
29Kb / 3P
   PENTIUM PROCESSOR VOLTAGE REGULATOR MODULE
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
   Low Power Intel Pentium Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Semtech Corporation
MP55C SEMTECH-MP55C Datasheet
23Kb / 3P
   PENTIUM PROCESSOR P55C VOLTAGE REGULATOR MODULE
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
List of Unclassifed Man...
IMB-154 ETC2-IMB-154 Datasheet
772Kb / 1P
   Intel짰 Pentium/Celeron Braswell SoC Processor
logo
Semtech Corporation
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
   PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com