Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJB686004NJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJB686004NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB686004NJ Datasheet(HTML) 3 Page - AVX Corporation

  TAJB686004NJ Datasheet HTML 1Page - AVX Corporation TAJB686004NJ Datasheet HTML 2Page - AVX Corporation TAJB686004NJ Datasheet HTML 3Page - AVX Corporation TAJB686004NJ Datasheet HTML 4Page - AVX Corporation TAJB686004NJ Datasheet HTML 5Page - AVX Corporation TAJB686004NJ Datasheet HTML 6Page - AVX Corporation TAJB686004NJ Datasheet HTML 7Page - AVX Corporation TAJB686004NJ Datasheet HTML 8Page - AVX Corporation TAJB686004NJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
8
APRIL 2014
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
2.5 Volt @ 85°C
TAJA336*002#NJ
A
33
2.5
85
1.7
125
0.8
8
1.7
1
210
189
84
TAJA476*002#NJ
A
47
2.5
85
1.7
125
0.9
6
3
1
158
142
63
TAJA686*002#NJ
A
68
2.5
85
1.7
125
1.4
8
1.5
1
224
201
89
TAJA107*002#NJ
A
100
2.5
85
1.7
125
2.5
30
1.4
1
231
208
93
TAJB107*002#NJ
B
100
2.5
85
1.7
125
2.5
8
1.4
1
246
222
99
TAJB157*002#NJ
B
150
2.5
85
1.7
125
3
10
1.6
1
230
207
92
TAJB227*002#NJ
B
220
2.5
85
1.7
125
4.4
16
1.6
1
230
207
92
TAJD227*002#NJ
D
220
2.5
85
1.7
125
5.5
8
0.3
1
707
636
283
TAJD337*002#NJ
D
330
2.5
85
1.7
125
8.2
8
0.3
1
707
636
283
TAJC477*002#NJ
C
470
2.5
85
1.7
125
9.4
12
0.2
1
742
667
297
TAJD477*002#NJ
D
470
2.5
85
1.7
125
11.6
8
0.2
1
866
779
346
TAJC687*002#NJ
C
680
2.5
85
1.7
125
17
18
0.2
1
742
667
297
TAJD687*002#NJ
D
680
2.5
85
1.7
125
17
16
0.2
1
866
779
346
TAJE687*002#NJ
E
680
2.5
85
1.7
125
17
10
0.2
11)
908
817
363
TAJD108M002#NJ
D
1000
2.5
85
1.7
125
25
20
0.2
1
866
779
346
TAJE108*002#NJ
E
1000
2.5
85
1.7
125
20
14
0.4
11)
642
578
257
TAJD158*002#NJ
D
1500
2.5
85
1.7
125
37.5
60
0.2
1
866
779
346
TAJE158*002#NJ
E
1500
2.5
85
1.7
125
37
20
0.2
11)
908
817
363
TAJV158M002#NJ
V
1500
2.5
85
1.7
125
30
20
0.2
11)
1118
1006
447
TAJV228M002#NJ
V
2200
2.5
85
1.7
125
55
50
0.2
11)
1118
1006
447
4 Volt @ 85°C
TAJA336*004#NJ
A
33
4
85
2.7
125
1.3
6
3
1
158
142
63
TAJA476*004#NJ
A
47
4
85
2.7
125
1.9
8
2.6
1
170
153
68
TAJA686*004#NJ
A
68
4
85
2.7
125
2.7
10
1.5
1
224
201
89
TAJB686*004#NJ
B
68
4
85
2.7
125
2.7
6
1.8
1
217
196
87
TAJA107*004#NJ
A
100
4
85
2.7
125
4
30
1.4
1
231
208
93
TAJB107*004#NJ
B
100
4
85
2.7
125
4
8
0.9
1
307
277
123
TAJB157*004#NJ
B
150
4
85
2.7
125
6
10
1.5
1
238
214
95
TAJC157*004#NJ
C
150
4
85
2.7
125
6
6
0.3
1
606
545
242
TAJB227M004#NJ
B
220
4
85
2.7
125
8.8
12
1.1
1
278
250
111
TAJC227*004#NJ
C
220
4
85
2.7
125
8.8
8
1.2
1
303
272
121
TAJD227*004#NJ
D
220
4
85
2.7
125
8.8
8
0.9
1
408
367
163
TAJC337*004#NJ
C
330
4
85
2.7
125
13.2
8
0.3
1
606
545
242
TAJD337*004#NJ
D
330
4
85
2.7
125
13.2
8
0.9
1
408
367
163
TAJC477*004#NJ
C
470
4
85
2.7
125
18.8
14
0.3
1
606
545
242
TAJD477*004#NJ
D
470
4
85
2.7
125
18.8
12
0.9
1
408
367
163
TAJE477*004#NJ
E
470
4
85
2.7
125
18.8
10
0.5
11)
574
517
230
TAJD687*004#NJ
D
680
4
85
2.7
125
27.2
14
0.5
1
548
493
219
TAJE687*004#NJ
E
680
4
85
2.7
125
27.2
14
0.9
11)
428
385
171
TAJD108*004#NJ
D
1000
4
85
2.7
125
40
60
0.2
1
866
779
346
TAJE108*004#NJ
E
1000
4
85
2.7
125
40
14
0.4
11)
642
578
257
TAJV108*004#NJ
V
1000
4
85
2.7
125
40
16
0.2
11)
1118
1006
447
TAJE158*004#NJ
E
1500
4
85
2.7
125
60
30
0.2
11)
908
817
363
TAJV158M004#NJ
V
1500
4
85
2.7
125
60
30
0.2
11)
1118
1006
447
6.3 Volt @ 85°C
TAJA106*006#NJ
A
10
6.3
85
4
125
0.6
6
4
1
137
123
55
TAJA156*006#NJ
A
15
6.3
85
4
125
0.9
6
3.5
1
146
132
59
TAJA226*006#NJ
A
22
6.3
85
4
125
1.4
6
3
1
158
142
63
TAJA336*006#NJ
A
33
6.3
85
4
125
2.1
8
2.2
1
185
166
74
TAJA476*006#NJ
A
47
6.3
85
4
125
2.8
10
1.6
1
217
195
87
TAJB476*006#NJ
B
47
6.3
85
4
125
3
6
2
1
206
186
82
TAJC476*006#NJ
C
47
6.3
85
4
125
3
6
1.6
1
262
236
105
TAJB686*006#NJ
B
68
6.3
85
4
125
4
8
0.9
1
307
277
123
TAJC686*006#NJ
C
68
6.3
85
4
125
4.3
6
1.5
1
271
244
108
TAJB107*006#NJ
B
100
6.3
85
4
125
6.3
10
1.7
1
224
201
89
TAJC107*006#NJ
C
100
6.3
85
4
125
6.3
6
0.9
1
350
315
140
TAJB157M006#NJ
B
150
6.3
85
4
125
9.5
10
1.2
1
266
240
106
TAJC157*006#NJ
C
150
6.3
85
4
125
9.5
6
1.3
1
291
262
116
TAJD157*006#NJ
D
150
6.3
85
4
125
9.5
6
0.9
1
408
367
163
TAJC227*006#NJ
C
220
6.3
85
4
125
13.9
8
1.2
1
303
272
121
TAJD227*006#NJ
D
220
6.3
85
4
125
13.9
8
0.4
1
612
551
245
TAJE227*006#NJ
E
220
6.3
85
4
125
13.9
8
0.4
11)
642
578
257
TAJC337*006#NJ
C
330
6.3
85
4
125
19.8
12
0.5
1
469
422
188
TAJD337*006#NJ
D
330
6.3
85
4
125
20.8
8
0.4
1
612
551
245
TAJE337*006#NJ
E
330
6.3
85
4
125
20.8
8
0.4
11)
642
578
257
TAJD477*006#NJ
D
470
6.3
85
4
125
28
12
0.4
1
612
551
245
TAJE477*006#NJ
E
470
6.3
85
4
125
28
10
0.4
11)
642
578
257
TAJV477*006#NJ
V
470
6.3
85
4
125
28
10
0.4
11)
791
712
316
TAJE687*006#NJ
E
680
6.3
85
4
125
42.8
10
0.5
11)
574
517
230
TAJV687*006#NJ
V
680
6.3
85
4
125
42.8
10
0.5
11)
707
636
283


Similar Part No. - TAJB686004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB686004NJ AVX-TAJB686004NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJB686004NJ AVX-TAJB686004NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJB686004NJ AVX-TAJB686004NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB686004NJ AVX-TAJB686004NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJB686004NJ AVX-TAJB686004NJ Datasheet
140Kb / 8P
   Standard Tantalum
More results

Similar Description - TAJB686004NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com