Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRY4420CU Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLRY4420CU
Description  Resistor LED for 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRY4420CU Datasheet(HTML) 3 Page - Vishay Siliconix

  TLRY4420CU Datasheet HTML 1Page - Vishay Siliconix TLRY4420CU Datasheet HTML 2Page - Vishay Siliconix TLRY4420CU Datasheet HTML 3Page - Vishay Siliconix TLRY4420CU Datasheet HTML 4Page - Vishay Siliconix TLRY4420CU Datasheet HTML 5Page - Vishay Siliconix TLRY4420CU Datasheet HTML 6Page - Vishay Siliconix TLRY4420CU Datasheet HTML 7Page - Vishay Siliconix TLRY4420CU Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLRG4420CU, TLRH4420CU, TLRO4420CU, TLRY4420CU
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 24-Apr-13
3
Document Number: 83045
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Relative Forward Current vs. Ambient Temperature
Fig. 3 - Relative Forward Voltage vs. Ambient Temperature
Fig. 4 - Relative Luminous Intensity vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 6 - Relative Intensity vs. Wavelength
0
2
4
6
8
10
12
14
16
18
20
2
6
10 12 14 16 18 20
VF - Forward Voltage (V)
95 11434
red
048
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Tamb - Ambient Temperature (°C)
95 11435
VS = 12 V
- 30
- 10
20
40
60
80
100
0
red
IF = 10 mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Tamb - Ambient Temperature (°C)
95 11436
- 30
- 10
20
40
60
80
100
0
red
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
8
10
12
14
16
VF - Forward Voltage (V)
95 11456
red
24
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VS = 12 V
010 20 30 40 50 60
90
70 80
100
Tamb - Ambient Temperature (°C)
95 11437
red
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red


Similar Part No. - TLRY4420CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRY4420 VISHAY-TLRY4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
More results

Similar Description - TLRY4420CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. 1.2, 21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
   Resistor LED for 5 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
   With current limiting resistor for 12 V
Rev. 2.1, 24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
   With current limiting resistor for 12 V
Rev. 1.7, 24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com