Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT6234 Datasheet(PDF) 5 Page - Intel Corporation

Part # LXT6234
Description  E-Rate Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6234 Datasheet(HTML) 5 Page - Intel Corporation

  LXT6234 Datasheet HTML 1Page - Intel Corporation LXT6234 Datasheet HTML 2Page - Intel Corporation LXT6234 Datasheet HTML 3Page - Intel Corporation LXT6234 Datasheet HTML 4Page - Intel Corporation LXT6234 Datasheet HTML 5Page - Intel Corporation LXT6234 Datasheet HTML 6Page - Intel Corporation LXT6234 Datasheet HTML 7Page - Intel Corporation LXT6234 Datasheet HTML 8Page - Intel Corporation LXT6234 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
E-Rate Multiplexer — LXT6234
Datasheet
5
1.0
Block Diagram
Figure 1. Block Diagram
Multiplexer
HDB3
Decoder #[1:4]
Elastic Store
Multiplexer
And
Timing
Control
HDB3 Encoder
4 Tributary NRZ Data Outputs
4 Clocks
Service Channels / AIS
Demultiplexer
And
Timing
Control
Mode Select
Demultiplexer
HDB3 Decoder
HDB3
Encoder #[1:4]
High Speed NRZ Data Input
Clock
HDB3 Data Input
Clock
4 Tributary NRZ Data Inputs
4 Clocks
4
4
4
4
NRZ Data Output
Bipolar Violation Alarm
6
4 HDB3 Pos/Neg Data Output P
4 HDB3 Pos/Neg Data Input Pairs
4 Clocks
8
4 Force AIS
4 NRZ Data Inputs
Service Channels / Ref Clock
High Speed Multiplexer Clock
NRZ Data Input
Clock
4
4
4
4
4 NRZ Data Outputs
4 Elastic Store Alarm Indication
4 Bipolar Violation Alarms
4
4
4
8
High Speed NRZ Data Output
Frame Sync Pulse
Pos/Neg Data Output Pair
2
Loss Of Signal (LOS)


Similar Part No. - LXT6234

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
LXT6155LE INTEL-LXT6155LE Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
More results

Similar Description - LXT6234

ManufacturerPart #DatasheetDescription
logo
Level One
SXT6234 LVL1-SXT6234 Datasheet
419Kb / 16P
   E-Rate Multiplexer
logo
STMicroelectronics
HCC4527B STMICROELECTRONICS-HCC4527B Datasheet
232Kb / 13P
   BCD RATE MULTIPLEXER
HCF4527B STMICROELECTRONICS-HCF4527B_02 Datasheet
265Kb / 12P
   BCD RATE MULTIPLEXER
logo
Gennum Corporation
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
TriQuint Semiconductor
TQ8213 TRIQUINT-TQ8213 Datasheet
240Kb / 23P
   Multiplexer
logo
SELEC Controls Pvt. Ltd
RC100 SELEC-RC100 Datasheet
112Kb / 1P
   Rate Indicator
RC2108 SELEC-RC2108 Datasheet
168Kb / 1P
   Rate Indicator
RC2100 SELEC-RC2100 Datasheet
134Kb / 1P
   Rate Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com