Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJA336006NJ Datasheet(PDF) 10 Page - AVX Corporation

Part # TAJA336006NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJA336006NJ Datasheet(HTML) 10 Page - AVX Corporation

Back Button TAJA336006NJ Datasheet HTML 4Page - AVX Corporation TAJA336006NJ Datasheet HTML 5Page - AVX Corporation TAJA336006NJ Datasheet HTML 6Page - AVX Corporation TAJA336006NJ Datasheet HTML 7Page - AVX Corporation TAJA336006NJ Datasheet HTML 8Page - AVX Corporation TAJA336006NJ Datasheet HTML 9Page - AVX Corporation TAJA336006NJ Datasheet HTML 10Page - AVX Corporation TAJA336006NJ Datasheet HTML 11Page - AVX Corporation TAJA336006NJ Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
APRIL 2014
15
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJC476*016TNJ
C
47
16
85
10
125
7.5
6
0.5
1
469
422
188
TAJD476*016TNJV
D
47
16
85
10
125
7.5
6
0.9
3
408
367
163
TAJC686*016TNJ
C
68
16
85
10
125
10.9
6
1.3
1
291
262
116
TAJD686*016TNJV
D
68
16
85
10
125
10.9
6
0.9
3
408
367
163
TAJD107*016TNJV
D
100
16
85
10
125
16
6
0.6
3
500
450
200
TAJE107*016TNJV
E
100
16
85
10
125
16
6
0.9
3
428
385
171
TAJE157*016TNJV
E
150
16
85
10
125
23
8
0.3
3
742
667
297
20 Volt @ 85°C
TAJA105*020TNJ
A
1
20
85
13
125
0.5
4
9
1
91
82
37
TAJA155*020TNJ
A
1.5
20
85
13
125
0.5
6
6.5
1
107
97
43
TAJA225*020TNJ
A
2.2
20
85
13
125
0.5
6
5.3
1
119
107
48
TAJB225*020TNJ
B
2.2
20
85
13
125
0.5
6
3.5
1
156
140
62
TAJA335*020TNJ
A
3.3
20
85
13
125
0.7
6
4.5
1
129
116
52
TAJB335*020TNJ
B
3.3
20
85
13
125
0.7
6
3
1
168
151
67
TAJA475*020TNJ
A
4.7
20
85
13
125
0.9
6
4
1
137
123
55
TAJB475*020TNJ
B
4.7
20
85
13
125
0.9
6
3
1
168
151
67
TAJB685*020TNJ
B
6.8
20
85
13
125
1.4
6
2.5
1
184
166
74
TAJC685*020TNJ
C
6.8
20
85
13
125
1.4
6
2
1
235
211
94
TAJB106*020TNJ
B
10
20
85
13
125
2
6
2.1
1
201
181
80
TAJC106*020TNJ
C
10
20
85
13
125
2
6
1.2
1
303
272
121
TAJB156*020TNJ
B
15
20
85
13
125
3
6
2
1
206
186
82
TAJC156*020TNJ
C
15
20
85
13
125
3
6
1.7
1
254
229
102
TAJC226*020TNJ
C
22
20
85
13
125
4.4
6
1.6
1
262
236
105
TAJD226*020TNJV
D
22
20
85
13
125
4.4
6
0.9
3
408
367
163
TAJC336*020TNJ
C
33
20
85
13
125
6.6
6
1.5
1
271
244
108
TAJD336*020TNJV
D
33
20
85
13
125
6.6
6
0.9
3
408
367
163
TAJD476*020TNJV
D
47
20
85
13
125
9.4
6
0.9
3
408
367
163
TAJD686*020TNJV
D
68
20
85
13
125
13.6
6
0.4
3
612
551
245
TAJE686*020TNJV
E
68
20
85
13
125
13.6
6
0.9
3
428
385
171
TAJE107*020TNJV
E
100
20
85
13
125
20
6
0.4
3
642
578
257
25 Volt @ 85°C
TAJA474*025TNJ
A
0.47
25
85
17
125
0.5
4
14
1
73
66
29
TAJA684*025TNJ
A
0.68
25
85
17
125
0.5
4
10
1
87
78
35
TAJA105*025TNJ
A
1
25
85
17
125
0.5
4
8
1
97
87
39
TAJA155*025TNJ
A
1.5
25
85
17
125
0.5
6
7.5
1
100
90
40
TAJA225*025TNJ
A
2.2
25
85
17
125
0.6
6
7
1
104
93
41
TAJB225*025TNJ
B
2.2
25
85
17
125
0.6
6
4.5
1
137
124
55
TAJB335*025TNJ
B
3.3
25
85
17
125
0.8
6
3.5
1
156
140
62
TAJB475*025TNJ
B
4.7
25
85
17
125
1.2
6
1.5
1
238
214
95
TAJC475*025TNJ
C
4.7
25
85
17
125
1.2
6
2.4
1
214
193
86
TAJB685*025TNJ
B
6.8
25
85
17
125
1.7
6
2.8
1
174
157
70
TAJC685*025TNJ
C
6.8
25
85
17
125
1.7
6
2
1
235
211
94
TAJC106*025TNJ
C
10
25
85
17
125
2.5
6
1.8
1
247
222
99
TAJD106*025TNJV
D
10
25
85
17
125
2.5
6
1.2
3
354
318
141
TAJC156*025TNJ
C
15
25
85
17
125
3.8
6
1.6
1
262
236
105
TAJD156*025TNJV
D
15
25
85
17
125
3.8
6
1
3
387
349
155
TAJC226*025TNJ
C
22
25
85
17
125
5.5
6
1.4
1
280
252
112
TAJD226*025TNJV
D
22
25
85
17
125
5.5
6
0.9
3
408
367
163
TAJD336*025TNJV
D
33
25
85
17
125
8.3
6
0.9
3
408
367
163
TAJD476*025TNJV
D
47
25
85
17
125
11.8
6
0.9
3
408
367
163
TAJE476*025TNJV
E
47
25
85
17
125
11.8
6
0.9
3
428
385
171
35 Volt @ 85°C
TAJA334*035TNJ
A
0.33
35
85
23
125
0.5
4
15
1
71
64
28
TAJA474*035TNJ
A
0.47
35
85
23
125
0.5
4
12
1
79
71
32
TAJA684*035TNJ
A
0.68
35
85
23
125
0.5
4
8
1
97
87
39
TAJA105*035TNJ
A
1
35
85
23
125
0.5
4
7.5
1
100
90
40
TAJB105*035TNJ
B
1
35
85
23
125
0.5
4
6.5
1
114
103
46
TAJA155*035TNJ
A
1.5
35
85
23
125
0.5
6
7.5
1
100
90
40
TAJB155*035TNJ
B
1.5
35
85
23
125
0.5
6
5.2
1
128
115
51
TAJB225*035TNJ
B
2.2
35
85
23
125
0.8
6
4.2
1
142
128
57
TAJC225*035TNJ
C
2.2
35
85
23
125
0.8
6
3.5
1
177
160
71
TAJB335*035TNJ
B
3.3
35
85
23
125
1.2
6
3.5
1
156
140
62
TAJC335*035TNJ
C
3.3
35
85
23
125
1.2
6
2.5
1
210
189
84
TAJB475*035TNJ
B
4.7
35
85
23
125
1.6
6
3.1
1
166
149
66
TAJC475*035TNJ
C
4.7
35
85
23
125
1.6
6
2.2
1
224
201
89
TAJD475*035TNJV
D
4.7
35
85
23
125
1.6
6
1.5
3
316
285
126
TAJC685*035TNJ
C
6.8
35
85
23
125
2.4
6
1.8
1
247
222
99
TAJD685*035TNJV
D
6.8
35
85
23
125
2.4
6
1.3
3
340
306
136
TAJC106*035TNJ
C
10
35
85
23
125
3.5
6
1.6
1
262
236
105
TAJD106*035TNJV
D
10
35
85
23
125
3.5
6
1
3
387
349
155
TAJD156*035TNJV
D
15
35
85
23
125
5.3
6
0.9
3
408
367
163


Similar Part No. - TAJA336006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA336006NJ AVX-TAJA336006NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA336006NJ AVX-TAJA336006NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJA336006NJ AVX-TAJA336006NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJA336006NJ AVX-TAJA336006NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA336006NJ AVX-TAJA336006NJ Datasheet
104Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJA336006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com