Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCD600-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSCD600-12
Description  Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSCD600-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSCD600-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSCD600-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSCD600-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD600
Document Number: MSCD600
www.smsemi.com
Nov.12,2013
1
Module Type
TYPE
VRRM
VRSM
MSCD600-08
MSCD600-12
MSCD600-16
MSCD600-18
MSAD600-08
MSAD600-12
MSAD600-16
MSAD600-18
MSKD600-08
MSKD600-12
MSKD600-16
MSKD600-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Tc=85℃
600
A
IFSM
t=10mS Tvj =45℃
22000
A
i2t
t=10mS Tvj =45℃
2420000
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
Tstg
-40 to +125
Mt
To terminals
9±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module
2050
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Module
0.04
/W
Rth(c-s)
Module
0.015
/W
Electrical Characteristics
Circuit
MSCD
3
1
2
MSKD
3
1
2
MSAD
3
1
2
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Rectifier Diode Modules
VRRM 800 to 1800V
IFAV
600 Amp
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum nitride
ceramic isolated metal baseplate
Symbol
Conditions
Values
Units
VFM
T=25℃ IFM =1800A
1.8
V
IRD
Tvj=TvjM VRD=VRRM
≤25
mA


Similar Part No. - MSCD600-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSCD60-08 ETC2-MSCD60-08 Datasheet
178Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD60-12 ETC2-MSCD60-12 Datasheet
178Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD60-16 ETC2-MSCD60-16 Datasheet
178Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD60-18 ETC2-MSCD60-18 Datasheet
178Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD60B ETC2-MSCD60B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MSCD600-12

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKE1200 SEMIKRON-SKKE1200_07 Datasheet
135Kb / 2P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_05 Datasheet
591Kb / 4P
   Rectifier Diode Modules
SKKE600 SEMIKRON-SKKE600 Datasheet
545Kb / 3P
   Rectifier Diode Modules
SKKE380 SEMIKRON-SKKE380 Datasheet
417Kb / 3P
   Rectifier Diode Modules
SKKD81H4 SEMIKRON-SKKD81H4 Datasheet
784Kb / 4P
   Rectifier Diode Modules
SKKD212 SEMIKRON-SKKD212 Datasheet
1Mb / 4P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_09 Datasheet
559Kb / 4P
   Rectifier Diode Modules
logo
Inchange Semiconductor ...
IRKD56-14 ISC-IRKD56-14 Datasheet
362Kb / 3P
   Diode Rectifier Modules
DD260N16K ISC-DD260N16K Datasheet
246Kb / 2P
   Diode Rectifier Modules
SKKD46-16 ISC-SKKD46-16 Datasheet
274Kb / 3P
   Rectifier Diode Modules
2023-9-15
SKKD380-22H4 ISC-SKKD380-22H4 Datasheet
308Kb / 2P
   Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com