Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT16H244TPFB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT54FCT16H244TPFB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16H244TPFB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT54FCT16H244TPFB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16H244TPFB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.2
8
SWITCH POSITION
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
2544 lnk 13
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
2544 drw 05
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
2544 drw 07
2544 drw 06
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2544 drw 09
2544 drw 08


Similar Part No. - IDT54FCT16H244TPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16H245ATE IDT-IDT54FCT16H245ATE Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATEB IDT-IDT54FCT16H245ATEB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPA IDT-IDT54FCT16H245ATPA Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPAB IDT-IDT54FCT16H245ATPAB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPF IDT-IDT54FCT16H245ATPF Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT16H244TPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com