Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCZ106M006TA Datasheet(PDF) 1 Page - AVX Corporation

Part # TLCZ106M006TA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCZ106M006TA Datasheet(HTML) 1 Page - AVX Corporation

  TLCZ106M006TA Datasheet HTML 1Page - AVX Corporation TLCZ106M006TA Datasheet HTML 2Page - AVX Corporation TLCZ106M006TA Datasheet HTML 3Page - AVX Corporation TLCZ106M006TA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
56
JANUARY 2015
%
%
%
%
%
%
%
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
FEATURES
• High capacitance vs. voltage ratio
• Super high volumetric efficiency
• CV range: 0.47-220μF / 2-35V
• 12 case sizes available
• Consumer applications (portable handheld electronics,
cellular phones, digital equipments etc.)
APPLICATIONS
• Consumer portable applications with space limitations
CASE DIMENSIONS: millimeters (inches)
L
SLt
W
H
POLARITY BAND NOT TO
EXCEED CENTER LINE
Minimum
Code
EIA
EIA
L+0.20 (0.008)
W+0.15 (0.006)
H+0.15 (0.006)
Termination
Termination
Code
Metric
-0.00 (0.000)
-0.00 (0.000)
-0.00 (0.000)
Spacing(S)
Length (Lt)
A
1206
3216-18
3.20 ± 0.20
1.60 ± 0.20
1.60 ± 0.20
1.80 (0.071) min
0.15 (0.006)
(0.126 ± 0.008)
(0.063 ± 0.008)
(0.063 ± 0.008)
D
1206
3216-06
3.20 ± 0.20
1.60 ± 0.20
0.60 (0.024) max
1.80 (0.071) min
0.15 (0.006)
(0.126 ± 0.008)
(0.063 ± 0.008)
E
0201
0603-03
0.60 ± 0.12
0.33 ± 0.02
0.33 ± 0.02
0.20 (0.008) min
0.10 (0.004)
(0.024 ± 0.005)
(0.013 ± 0.001)
(0.013 ± 0.001)
H
0805
2012-10
2.00 (0.079)
1.35 (0.053)
1.00 (0.039) max
0.70 (0.028) min
0.15 (0.006)
J
0603
1608-08
1.60 (0.063)
0.85 (0.033)
0.75 (0.030) max
0.55 (0.022) min
0.15 (0.006)
K
0402
1005-07
1.00 (0.039)
0.50
0.50
0.40 (0.016) min
0.10 (0.004)
(0.020
)
(0.020
)
L
0603
1608-10
1.60 (0.063)
0.85 (0.033)
0.85 (0.033)
0.55 (0.022) min
0.15 (0.006)
M
0803
2008-10
2.00 (0.079)
0.85 (0.033)
0.85 (0.033)
0.70 (0.028) min
0.15 (0.006)
R
0805
2012-15
2.00 (0.079)
1.35 (0.053)
1.35 (0.053)
0.70 (0.028) min
0.15 (0.006)
T
1210
3528-12
3.50 ± 0.20
2.80
1.20 (0.047) max
2.00 (0.079) min
0.15 (0.006)
(0.138 ± 0.008)
(0.110
)
U
0805
2012-06
2.00 (0.079)
1.35 (0.053)
0.60 (0.024) max
0.70 (0.028) min
0.15 (0.006)
V
1206
3216-08
3.20 ± 0.20
1.60 ± 0.20
0.75 (0.030) max
1.80 (0.071) min
0.15 (0.006)
(0.126 ± 0.008)
(0.063 ± 0.008)
Z
0602
1605-07
1.60 (0.063)
0.50
0.50
0.55 (0.022) min
0.15 (0.006)
(0.020
)
(0.020
)
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.10
+0.008
-0.004
Under development
LEAD-FREE COMPATIBLE
COMPONENT
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
Polarity
Band
(Anode+)
MARKING
A, D, H, J, K, L, M, R, T, U, V, Z CASE
Polarity
Band
(Anode+)
E CASE
TLC
Type
L
Case Size
See table
above
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M=±20%
006
Rated DC Voltage
002=2Vdc
003=3Vdc
004=4Vdc
006=6.3Vdc
008=8Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
R
Packaging
R, P = 7" Standard Tin
Termination Plastic Tape
X, Q = 414" Standard Tin
Termination Plastic Tape
A, M = 7" Gold Termination
Plastic Tape
F, N = 414" Gold Termination
Plastic Tape
H = Chip Tray (waffle)
TA
Standard
Suffix
OR
4000
ESR in mΩ
HOW TO ORDER


Similar Part No. - TLCZ106M006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI1-TLC04/MF4A-50 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CD TI-TLC04CD Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLCZ106M006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com