Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCL156M010TA Datasheet(PDF) 2 Page - AVX Corporation

Part # TLCL156M010TA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCL156M010TA Datasheet(HTML) 2 Page - AVX Corporation

  TLCL156M010TA Datasheet HTML 1Page - AVX Corporation TLCL156M010TA Datasheet HTML 2Page - AVX Corporation TLCL156M010TA Datasheet HTML 3Page - AVX Corporation TLCL156M010TA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JANUARY 2015
57
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.47
µF to 220µF
Capacitance Tolerance:
±20%
Rated Voltage (VR)
-55°C
+40°C:
2
3
4
6.3
8
10
16
20
25
35
Category Voltage (VC)
at 85°C:
1
1.5
2
3.2
4
5
8
10
12.5
17.5
Category Voltage (VC)
at 125°C:
0.4
0.6
0.8
1.3
1.6
2
3.2
4
5
7
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xVR with 0.1Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
Capacitance
Voltage Rating DC (V
R) to 40°C
μF
Code
2.0V
3.0V
4.0V
6.3V
8V
10V
16V
20V
25V
35V
0.47
474
E
K
1.0
105
E
KL
R
2.2
225
K
K
H
R
3.3
335
L
4.7
475
K
K/U
J
6.8
685
K
K
U
10
106
K
J/K/Z
J/K/Z
U
V
R
15
156
K
K*
K
H/L
22
226
J
J
K*/U
L/U
L/M
33
336
L/U
H/L/L(4000)/U/V
L
H
47
476
L
L/R
H/L
H/R/V
D
H/R
68
686
R
R
R*
100
107
I*/R
D*/I*/R/T
R*/T
150
157
R*
R*
A*
220
227
R*
R*/T
Released Codes
Engineering samples - please contact manufacturer
*Codes under development - subject to change.
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating


Similar Part No. - TLCL156M010TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M002A AVX-TLCL226M002A Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M002H AVX-TLCL226M002H Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M002J AVX-TLCL226M002J Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M002K AVX-TLCL226M002K Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M002L AVX-TLCL226M002L Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
More results

Similar Description - TLCL156M010TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com