Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80C286 Datasheet(PDF) 4 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 4 Page - Intel Corporation

  M80C286 Datasheet HTML 1Page - Intel Corporation M80C286 Datasheet HTML 2Page - Intel Corporation M80C286 Datasheet HTML 3Page - Intel Corporation M80C286 Datasheet HTML 4Page - Intel Corporation M80C286 Datasheet HTML 5Page - Intel Corporation M80C286 Datasheet HTML 6Page - Intel Corporation M80C286 Datasheet HTML 7Page - Intel Corporation M80C286 Datasheet HTML 8Page - Intel Corporation M80C286 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
M80C286
Two-operand instructions (eg MOV and ADD) are
usually three to six bytes long Memory to memory
operations are provided by a special class of string
instructions requiring one to three bytes For de-
tailed instruction formats and encodings refer to the
instruction set summary at the end of this document
For detailed operation and usage of each instruc-
tion see Appendix B of the 8028680287 Program-
mer’s Reference Manual (Order No 210498)
Table 2 Instruction Set
GENERAL PURPOSE
MOV
Move byte or word
PUSH
Push word onto stack
POP
Pop word off stack
PUSHA
Push all registers on stack
POPA
Pop all registers from stack
XCHG
Exchange byte or word
XLAT
Translate byte
INPUTOUTPUT
IN
Input byte or word
OUT
Output byte or word
ADDRESS OBJECT
LEA
Load effective address
LDS
Load pointer using DS
LES
Load pointer using ES
FLAG TRANSFER
LAHF
Load AH register from flags
SAHF
Store AH register in flags
PUSHF
Push flags onto stack
POPF
Pop flags off stack
Data Transfer Instructions
MOVS
Move byte or word string
INS
Input bytes or word string
OUTS
Output bytes or word string
CMPS
Compare byte or word string
SCAS
Scan byte or word string
LODS
Load byte or word string
STOS
Store byte or word string
REP
Repeat
REPEREPZ
Repeat while equalzero
REPNEREPNZ
Repeat while not equalnot zero
String Instructions
ADDITION
ADD
Add byte or word
ADC
Add byte or word with carry
INC
Increment byte or word by 1
AAA
ASCII adjust for addition
DAA
Decimal adjust for addition
SUBTRACTION
SUB
Subtract byte or word
SBB
Subtract byte or word with borrow
DEC
Decrement byte or word by 1
NEG
Negate byte or word
CMP
Compare byte or word
AAS
ASCII adjust for subtraction
DAS
Decimal adjust for subtraction
MULTIPLICATION
MUL
Multiple byte or word unsigned
IMUL
Integer multiply byte or word
AAM
ASCII adjust for multiply
DIVISION
DIV
Divide byte or word unsigned
IDIV
Integer divide byte or word
AAD
ASCII adjust for division
CBW
Convert byte to word
CWD
Convert word to doubleword
Arithmetic Instructions
LOGICALS
NOT
‘‘Not’’ byte or word
AND
‘‘And’’ byte or word
OR
‘‘Inclusive or’’ byte or word
XOR
‘‘Exclusive or’’ byte or word
TEST
‘‘Test’’ byte or word
SHIFTS
SHLSAL
Shift logicalarithmetic left byte or word
SHR
Shift logical right byte or word
SAR
Shift arithmetic right byte or word
ROTATES
ROL
Rotate left byte or word
ROR
Rotate right byte or word
RCL
Rotate through carry left byte or word
RCR
Rotate through carry right byte or word
ShiftRotate Logical Instructions
4


Similar Part No. - M80C286

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C287 INTEL-M80C287 Datasheet
372Kb / 29P
   80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION
More results

Similar Description - M80C286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com