Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M82510 Datasheet(PDF) 5 Page - Intel Corporation

Part # M82510
Description  ASYNCHRONOUS SERIAL CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M82510 Datasheet(HTML) 5 Page - Intel Corporation

  M82510 Datasheet HTML 1Page - Intel Corporation M82510 Datasheet HTML 2Page - Intel Corporation M82510 Datasheet HTML 3Page - Intel Corporation M82510 Datasheet HTML 4Page - Intel Corporation M82510 Datasheet HTML 5Page - Intel Corporation M82510 Datasheet HTML 6Page - Intel Corporation M82510 Datasheet HTML 7Page - Intel Corporation M82510 Datasheet HTML 8Page - Intel Corporation M82510 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
M82510
8250 Compatibility
Upon power up or reset the M82510 comes up in the default wake up mode The 8250A16450 compatible
bank bank zero is the accessible bank and all the other registers are configured via their default values to
support this mode
Table 3 8250A16450 Compatible Registers
M82510 Registers
8250A Registers
(Bank 0)
Address
Read
Write
Read
Write
00 (DLAB e 0)
RxD
TxD
RBR
THR
01 (DLAB e 0)
GER
GER
IER
IER
00 (DLAB e 1)
BAL
BAL
DLL
DLL
01 (DLAB e 1)
BAH
BAH
DLM
DLM
02
GIRBANK
BANK
IIR
03
LCR
LCR
LCR
LCR
04
MCR
MCR
MCR
MCR
05
LSR
LSR
LSR
LSR
06
MSR
MSR
MSR
MSR
07
ACR0
ACR0
SCR
SCR
Table 4 Default Wake-Up Mode
RxD
ACR1
00H
RxF
TxD
RIE
1EH
TxF
BAL
02H
RMD
00H
TMST
30H
BAH
00H
CLCF
00H
TMCR
GER
00H
BACF
04H
FLR
00H
GIRBANK
01H
BBCF
84H
RCM
LCR
00H
PMD
FCH
TCM
MCR
00H
MIE
0FH
GSR
12H
LSR
60H
TMIE
00H
ICM
MSR
00H
BBL
05H
FMD
00H
ACR0
00H
BBH
00H
TMD
00H
RST
00H
IMD
0CH
5


Similar Part No. - M82510

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M8253 ENERCON-M8253 Datasheet
487Kb / 6P
   M8253 SERIES DC/DC POWER SUPPLY
Jal 7, 2021
M8254 ENERCON-M8254 Datasheet
810Kb / 11P
   A DUAL-OUTPUT, 200W DC TO DC POWER SUPPLY
May 19, 2022
M8254-100 ENERCON-M8254-100 Datasheet
810Kb / 11P
   A DUAL-OUTPUT, 200W DC TO DC POWER SUPPLY
May 19, 2022
M8254-101 ENERCON-M8254-101 Datasheet
810Kb / 11P
   A DUAL-OUTPUT, 200W DC TO DC POWER SUPPLY
May 19, 2022
M8254-102 ENERCON-M8254-102 Datasheet
810Kb / 11P
   A DUAL-OUTPUT, 200W DC TO DC POWER SUPPLY
May 19, 2022
More results

Similar Description - M82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com