Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6517F-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD6517F-E2
Description  Current Limit High Side Switch ICs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6517F-E2 Datasheet(HTML) 5 Page - Rohm

  BD6517F-E2 Datasheet HTML 1Page - Rohm BD6517F-E2 Datasheet HTML 2Page - Rohm BD6517F-E2 Datasheet HTML 3Page - Rohm BD6517F-E2 Datasheet HTML 4Page - Rohm BD6517F-E2 Datasheet HTML 5Page - Rohm BD6517F-E2 Datasheet HTML 6Page - Rohm BD6517F-E2 Datasheet HTML 7Page - Rohm BD6517F-E2 Datasheet HTML 8Page - Rohm BD6517F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
BD6516F
BD6517F
BD2042AFJ
BD2052AFJ
Datasheet
Measurement Circuits
BD6516F/BD6517F
CTRLA
FLAGA
FLAGB
CTRLB
OUTA
VDD
GND
OUTB
VDD
1µF
VCTRL
VCTRL
A
CTRLA
FLAGA
FLAGB
CTRLB
OUTA
VDD
GND
OUTB
VDD
1µF
VCTRL
VCTRL
RL
CL
RL
CL
A. Operating Current
B. CTRL Input Voltage, Output Rise / Fall Time
CTRLA
FLAGA
FLAGB
CTRLB
OUTA
VDD
GND
OUTB
VDD
1µF
VCTRL
CL
CL
VDD
VCTRL
10k
10k
IOUT
IOUT
CTRLA
FLAGA
FLAGB
CTRLB
OUTA
VDD
GND
OUTB
VDD
1µF
VCTRL
VCTRL
IFLAG
IFLAG
C. ON-Resistance, Over Current Detection
D. FLAG Output Resistance
BD2042AFJ/BD2052AFJ
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
A
1µF
VEN
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
RL CL
RL CL
E. Operating Current
F. EN, /EN Input Voltage, Output Rise / Fall Time
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
IOUT
10k
10k
VDD
IOUT
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
IOUT
IOUT
G. ON-Resistance, Over Current Detection
H. /OC Output Low Voltage
Figure 1. Measurement Circuits
5/31
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300240-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD6517F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD6517F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com