Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC5DX-500 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYC5DX-500
Description  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC5DX-500 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYC5DX-500 Datasheet HTML 1Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 2Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 3Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 4Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 5Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 6Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 7Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 8Page - NXP Semiconductors BYC5DX-500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BYC5DX-500
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2011
5 of 11
NXP Semiconductors
BYC5DX-500
Hyperfast power diode
6.
Isolation characteristics
7.
Characteristics
Table 6.
Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
50 Hz
≤ f ≤ 60 Hz; RH ≤ 65 %; from all
pins to external heatsink; sinusoidal
waveform; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
f = 1 MHz; from cathode to external
heatsink
-10
-pF
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =5A; Tj = 25 °C; see Figure 5
-1.5
2
V
IF =5A; Tj = 150 °C; see Figure 5
-
1.15
1.45
V
IF =10A; Tj =150 °C; see Figure 5
-1.4
1.7
V
IR
reverse current
VR =500 V; Tj = 100 °C
-
0.9
3
mA
VR =500 V
-
9
40
µA
Dynamic characteristics
trr
reverse recovery time
IF =1A; VR =30V; dIF/dt = 50 A/µs;
Tj =25°C; see Figure 6
-
1530ns
IF =5A; VR = 400 V; dIF/dt = 500 A/µs;
Tj =25°C; see Figure 6
-16
-ns
IRM
peak reverse recovery
current
IF =5A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C; see Figure 6
-9.5
11
A
IF =5A; VR = 400 V; dIF/dt = 50 A/µs;
Tj = 125 °C; see Figure 6
-0.9
3
A
VFR
forward recovery
voltage
IF =5A; dIF/dt = 100 A/µs; Tj =25°C;
see Figure 7
-9
11
V


Similar Part No. - BYC5DX-500

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
logo
NXP Semiconductors
BYC5DX-500 PHILIPS-BYC5DX-500_15 Datasheet
350Kb / 11P
   Hyperfast power diode
Rev. 1-6 July 2011
More results

Similar Description - BYC5DX-500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com