Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT16245CTPFB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT54FCT16245CTPFB
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16245CTPFB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT54FCT16245CTPFB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16245CTPFB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5.3
4
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ADVANCE
INFORMATION
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (STANDARD PARTS)
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA =–40
°C to +85°C, VCC = 5.0V ± 10%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
60
115
200
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–60
–115
–200
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –16mA MIL.
IOH = –24mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 16mA MIL.
IOL = 24mA COM'L.
0.3
0.55
V
OUTPUT DRIVE CHARACTERISTICS FOR FCT162245T
OUTPUT DRIVE CHARACTERISTICS FOR FCT166245T (A-PORT ONLY)
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
96
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–16
–48
–96
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 6mA MIL.
IOL = 8mA COM'L.
0.3
0.55
V
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. The test limit for this parameter is
± 5µA at TA = –55°C.
2545 lnk 08
2545 lnk 07
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current (Input pins)(5)
VCC = Max.
VI = VCC
±1
µA
Input HIGH Current (I/O pins)(5)
±1
II L
Input LOW Current (Input pins)(5)
VI = GND
±1
Input LOW Current (I/O pins)(5)
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(5)
VO = 0.5V
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
0.7
1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–80
140
225
mA
VH
Input Hysteresis
100
mV
ICCL
ICCH
ICCZ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
5
500
µA
2545 lnk 05
OUTPUT DRIVE CHARACTERISTICS FOR FCT16245T AND FCT166245T (B-PORT)
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IO
Output Drive Current
VCC = Max., VO = 2.5V(3)
–50
—–
180
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3mA
2.5
3.5
V
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.5
V
IOH = –24mA MIL.
IOH = –32mA COM'L.(4)
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 48mA MIL.
IOL = 64mA COM'L.
0.2
0.55
V
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
2545 lnk 06


Similar Part No. - IDT54FCT16245CTPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16240AT IDT-IDT54FCT16240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16240ATE IDT-IDT54FCT16240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16240ATEB IDT-IDT54FCT16240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16240ATPA IDT-IDT54FCT16240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16240ATPAB IDT-IDT54FCT16240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT16245CTPFB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com