Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT16244CTPFB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT16244CTPFB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16244CTPFB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT16244CTPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16244CTPFB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.2
2
PIN CONFIGURATIONS
1
Y1
GND
1
Y3
VCC
1
OE
GND
3
Y2
GND
VCC
GND
1
Y2
1
Y4
2
Y1
2
Y2
2
Y3
2
Y4
3
Y1
3
Y3
3
Y4
4
Y1
4
Y3
4
Y4
4
Y2
4
OE
1
A1
1
A2
GND
1
A3
1
A4
VCC
2
A1
2
A2
2
A3
2
A4
3
A1
3
A2
3
A3
3
A4
VCC
4
A1
4
A3
4
A4
4
A2
GND
GND
GND
2
OE
3
OE
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
2544 drw 04
CERPACK
TOP VIEW
E48-1
PIN DESCRIPTION
2544 tbl 01
NOTE:
1. On FCT16xH these pins have “Bus-hold”. All other pins are standard
inputs, outputs or I/Os.
Pin Names
Description
x
OE
3–State Output Enable Inputs (Active LOW)
xAx
Data Inputs(1)
xYx
3-State Outputs
1
Y1
GND
1
Y3
VCC
GND
3
Y2
GND
VCC
GND
1
Y2
1
Y4
2
Y1
2
Y2
2
Y3
2
Y4
3
Y1
3
Y3
3
Y4
4
Y1
4
Y3
4
Y4
4
Y2
4
OE
1
A1
1
A2
GND
1
A3
1
A4
VCC
2
A1
2
A2
2
A3
2
A4
3
A1
3
A2
3
A3
3
A4
VCC
4
A1
4
A3
4
A4
4
A2
GND
GND
GND
2
OE
3
OE
2544 drw 03
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
SSOP/
TSSOP/TVSOP
TOP VIEW
SO48-1
SO48-2
SO48-3
1
OE


Similar Part No. - IDT74FCT16244CTPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240AT IDT-IDT74FCT16240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATE IDT-IDT74FCT16240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATEB IDT-IDT74FCT16240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATPA IDT-IDT74FCT16240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATPAB IDT-IDT74FCT16240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT16244CTPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com