Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79RV3081E-33PFM Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT79RV3081E-33PFM
Description  RISController with FPA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV3081E-33PFM Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT79RV3081E-33PFM Datasheet HTML 1Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 2Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 3Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 4Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 5Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 6Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 7Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 8Page - Integrated Device Technology IDT79RV3081E-33PFM Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5.5
3
IDT79R3081 RISController
MILITARY AND COMMERCIAL TEMPERATURE RANGES
The extended architecture versions of the R3051 family
(the R3051E, R3052E, and R3081E) allow the system designer
to implement kernel software which dynamically manages
user task utilization of system resources, and also allows the
Kernel to protect certain resources from user tasks. These
capabilities are important in general computing applications
such as ARC computers, and are also important in a variety of
embedded applications, from process control (where protection
may be important) to X-Window display systems (where
virtual memory management can be used). The MMU can
also be used to simplify system debug.
R3051 family base versions (the R3051, R3052, and R3081)
remove the TLB and institute a fixed address mapping for the
various segments of the virtual address space. These devices
still support distinct kernel and user mode operation, but do
not require page management software, leading to a simpler
software model. The memory mapping used by these devices
is shown in Figure 4. Note that the reserved spaces are for
compatiblity with future family members, which may map on-
chip resources to these addresses. References to these
addresses in the R3081 will be translated in the same fashion
as the rest of their respective segments, with no traps or
exceptions signalled.
When using the base versions of the architecture, the
system designer can implement a distinction between the
user tasks and the kernel tasks, without having to implement
page management software. This distinction can be
implemented by decoding the output physical address. In
systems which do not need memory protection, and wish to
have the kernel and user tasks operate out of the same
memory space, high-order address lines can be ignored by
the address decoder, and thus all references will be seen in
the lower gigabyte of the physical address space.
Floating Point Co-Processor
The R3081 also integrates an R3010A compatible floating
point accelerator on-chip. The FPA is a high-performance co-
processor (co-processor 1 to the CPU) providing separate
add, multiply, and divide functional units for single and double
precision floating point arithmetic. The floating point accelerator
features low latency operations, and autonomous functional
units which allow differing types of floating point operations to
function concurrently with integer operations. The R3010A
appears to the software programmer as a simple extension of
the integer execution unit, with 16 dedicated 64-bit floating
point registers (software references these as 32 32-bit registers
when performing loads or stores). Figure 5 illustrates the
functional block diagram of the on-chip FPA.
Clock Generator Unit
The R3081 is driven from a single input clock which can be
either at the processor rated speed, or at twice that speed. On-
chip, the clock generator unit is responsible for managing the
interaction of the CPU core, caches, and bus interface. The
R3081 includes an on-chip clock doubler to provide higher
frequency signals to the internal execution core; if 1x clock
mode is selected, the clock doubler will internally convert it to
Figure 4. Virtual to Physical Mapping of Base Architecture Versions
1MB Kernel Rsvd
Kernel Cacheable
Tasks
Kernel/User
Cacheable
Tasks
Inaccessible
Kernel Boot
and I/O
0xffffffff
0xc0000000
0xa0000000
0x80000000
0x00000000
1024 MB
2048 MB
512 MB
512 MB
VIRTUAL
PHYSICAL
Kernel Cached
(kseg2)
Kernel Uncached
(kseg1)
Kernel Cached
(kseg0)
User
Cached
(kuseg)
1MB User Rsvd
2889 drw 04
Figure 3. Virtual to Physical Mapping of Extended Architecture
Versions
Kernel Mapped
(kseg2)
Kernel Uncached
(kseg1)
Kernel Cached
(kseg0)
User Mapped
Cacheable
(kuseg)
Physical
Memory
Memory
0xffffffff
0xc0000000
0xa0000000
0x80000000
0x00000000
3548MB
512 MB
Any
Any
VIRTUAL
PHYSICAL
2889 drw 03
Figure 2. R3081 5-Stage Pipeline
IF
Current
CPU
Cycle
I#1
ALU
RD
MEM
WB
IF
I#2
ALU
RD
MEM
WB
IF
I#3
ALU
RD
MEM
WB
IF
I#4
ALU
RD
MEM
WB
IF
I#5
ALU
RD
MEM
WB
2889 drw 02


Similar Part No. - IDT79RV3081E-33PFM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV3081E-33PFM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
F48P24A-V12-19 VICOR-F48P24A-V12-19 Datasheet
268Kb / 4P
   FPA Evaluation Board
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
VITALCONN ELECTRONICS H...
J21TG07K1NP01 VITALCONN-J21TG07K1NP01 Datasheet
479Kb / 3P
   RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C , WITH LEDs WITH MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com