Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J60030-1S Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # J60030-1S
Description  Class J Fuseblocks 600 Volt, 횣-600 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

J60030-1S Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  J60030-1S Datasheet HTML 1Page - Cooper Bussmann, Inc. J60030-1S Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Class J Fuseblocks
J600 Series
600 Volt, ⁄Ω™-600 Amps
Form No. J600 Series
Page 1 of 2
Data Sheet: 1114
Bussmann®
Dimensional Data All dimensions (±0.015)
Catalog Symbol: J600 Series
Ampere Rating: ⁄Ω™-600A
Voltage Rating: 600V
Withstand Rating: 200,000 RMS Sym. Amps
For use with Class J Fuses (Bussmann LPJ, JKS)
Agency Information:
UL Listed, UL 512, Guide IZLT, File E14853
CSA Certified, C22.2 No. 39, Class 6225-01, File 47235
UL Flammability: 94VO
Materials: Thermoplastic
.30"
2.28"
6.28"
.94"
.22"
Dia.
.5"
C'Bore
1.583"
5"
3.14"
1.75"
1.5"
⁄Ω™-60A
61-100A
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
2.250"
3.202"
750"
4.702"
2.250"
C
L
L
1.500"
4.005"
C
2.415"
1.702"
.750"
FIGURE 1.
FIGURE 2.
FIGURE 3.
FIGURE 5.
FIGURE 4.
11-12-03
SB03116
Standard J Fuseblocks (600V) Catalog Data
Catalog Numbers
Pressure
Box
Box Lug w/
Fig.
Wire
Amps
Poles
Screw†
Plate†
Lug
Retaining Clip
No.
Range
1
J60030-1S(2)
J60030-1P
J60030-1C
J60030-1CR††
1
C, CR #2-14 CU, #2-8 AL
⁄Ω™-30
2
J60030-2S(2)
J60030-2P
J60030-2C
J60030-2CR††
2
COR #2-14 CU ONLY
3
J60030-3S(2)
J60030-3P
J60030-3C
J60030-3CR††
3
P, PR, S, SR #10-14 CU ONLY
1
J60060-1C
J60060-1CR††
1
C, CR, #2-14 CU/AL
31-60
2
J60060-2C
J60060-2CR††
2
COR #4-14 CU ONLY
3
J60060-3C
J60060-3CR††
3
61-100
1
J60100-1CR
4
COR 1/0-8 CU ONLY
3
J60100-3CR††
5
CR, CRQ 1/0-8 CU/AL
101-200
1
J60200-1CR
6
CR 250kcmil-6 CU/AL
3
J60200-3CR
7
201-400
1
J60400-1CR(3)
8
CR 500kcmil -4 CU/AL
3
J60400-3CR(3)
9
401-600
1
J60600-1CR
10
CR (2) 500kcmil-4/0 CU/AL
3
J60600-3CR(2)
11
†Clip reinforcing springs are standard on fuseblocks rated 100A and above. Available on 30A and 60A blocks by adding the letter “R” to the end of
the part number.
††Copper only connections available by changing “CR” suffix to “COR”.
(2)No UL, No CSA Certification
(3)UL Recognized, CSA Certification


Similar Part No. - J60030-1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J600 ETC2-J600 Datasheet
138Kb / 1P
   Terminal Block Accessories
logo
EDAC, All Rights Reserv...
J60041122N00101 EDAC-J60041122N00101 Datasheet
183Kb / 1P
   J60 Series 4 PORT RJ45, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
J60041122N00101 EDAC-J60041122N00101 Datasheet
135Kb / 2P
   J60 Series,4 PORT RJ45, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
J60041122P00101 EDAC-J60041122P00101 Datasheet
183Kb / 1P
   J60 Series 4 PORT RJ45, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
J60041122P00101 EDAC-J60041122P00101 Datasheet
134Kb / 2P
   J60 Series,4 PORT RJ45, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
More results

Similar Description - J60030-1S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣 600 Amps
J60200-3CR COOPER-J60200-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
LP-CC-5 COOPER-LP-CC-5 Datasheet
77Kb / 2P
   Time-Delay Fuses Class CC 600 Volt, 횣 to 30 Amps
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
   Class J Fuseblocks
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
   Class J Fuseblocks
JP60030-3PR COOPER-JP60030-3PR Datasheet
58Kb / 1P
   Class J Fuseblocks
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
   Limitron짰 Quick-Acting Fuses Class J ??600 Volt
logo
First Silicon Co., Ltd
FTK4N60P FS-FTK4N60P Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
FTK5N60P FS-FTK5N60P Datasheet
306Kb / 7P
   5 Amps, 600 Volt N-CHANNEL POWER MOSFET
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com