Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD-19-65 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # KD-19-65
Description  FOR USE WITH RG-55
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

KD-19-65 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  KD-19-65 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - KD-19-65

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KD-19-61 WINCHESTER-KD-19-61 Datasheet
45Kb / 1P
   BULKHEAD JACK
KD-19-67 WINCHESTER-KD-19-67 Datasheet
36Kb / 1P
   E-PANEL JACK
More results

Similar Description - KD-19-65

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732585059 MOLEX11-0732585059 Datasheet
31Kb / 1P
   50 Ohms, N Plug, Straight for RG-142, RG-223, RG-400 and RG-55 Cable
0732585059 MOLEX-0732585059_V01 Datasheet
31Kb / 1P
   50 Ohms, N Plug, Straight for RG-142, RG-223, RG-400 and RG-55 Cable
0732540340 MOLEX11-0732540340 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for RG-142, RG-223, RG-400 and RG-55 Cable
logo
Winchester Electronics ...
1205-64-3 WINCHESTER-1205-64-3 Datasheet
108Kb / 1P
   FOR USE WITH RG-8, 9, 213 & 214/U CABLE GROUPS
logo
Molex Electronics Ltd.
0731000038 MOLEX11-0731000038 Datasheet
26Kb / 1P
   50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
73100-0038 MOLEX11-73100-0038 Datasheet
30Kb / 1P
   50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
0732510670 MOLEX11-0732510670 Datasheet
69Kb / 1P
   50 Ohms, SMA Right-Angle Plug, RG-142, RG-223, and RG-55 Cable
0731000038 MOLEX-0731000038_V01 Datasheet
28Kb / 1P
   50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
logo
Winchester Electronics ...
1205-69-5 WINCHESTER-1205-69-5 Datasheet
257Kb / 1P
   FOR USE WITH RG-9, 9A, 9B, 214, 225 & 393/U CABLE
logo
Molex Electronics Ltd.
73298-0020 MOLEX11-73298-0020 Datasheet
37Kb / 1P
   50 Ohms, BMA Jack, 2H Floating Flange Mount for RG-55 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com