Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5678 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 2 Page - Analog Devices

  AD5678_15 Datasheet HTML 1Page - Analog Devices AD5678_15 Datasheet HTML 2Page - Analog Devices AD5678_15 Datasheet HTML 3Page - Analog Devices AD5678_15 Datasheet HTML 4Page - Analog Devices AD5678_15 Datasheet HTML 5Page - Analog Devices AD5678_15 Datasheet HTML 6Page - Analog Devices AD5678_15 Datasheet HTML 7Page - Analog Devices AD5678_15 Datasheet HTML 8Page - Analog Devices AD5678_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5678
Rev. C | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 7
Timing Characteristics ................................................................ 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Terminology .................................................................................... 18
Theory of Operation ...................................................................... 20
D/A Section................................................................................. 20
Resistor String............................................................................. 20
Internal Reference ...................................................................... 20
Output Amplifier........................................................................ 21
Serial Interface ............................................................................ 21
Input Shift Register .................................................................... 22
SYNC Interrupt .......................................................................... 22
Internal Reference Register ....................................................... 23
Power-On Reset.......................................................................... 23
Power-Down Modes .................................................................. 23
Clear Code Register ................................................................... 23
LDAC Function .......................................................................... 25
Power Supply Bypassing and Grounding................................ 25
Outline Dimensions ....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
2/11—Rev. B to Rev. C
Changes to Zero-Code Error Parameter and Offset Error
Parameter, Table 1............................................................................. 3
Changes to Zero-Code Error Parameter and Offset Error
Parameter, Table 2............................................................................. 5
2/09—Rev. A to Rev. B
Changes to Reference Current Parameter, Table 1....................... 3
Change to IDD (Normal Mode) Parameter, Table 1 ...................... 4
Changes to Reference Current Parameter, Table 2....................... 5
Change to IDD (Normal Mode) Parameter, Table 2 ...................... 6
11/05—Rev. 0 to Rev. A
Change to General Description ...................................................... 1
Change to Specifications.................................................................. 3
Replaced Figure 48 ......................................................................... 22
Change to the Power-Down Modes Section ............................... 23
10/05—Revision 0: Initial Version


Similar Part No. - AD5678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5678ARUZ-2 AD-AD5678ARUZ-2 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678ARUZ-2REEL7 AD-AD5678ARUZ-2REEL7 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-1 AD-AD5678BRUZ-1 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-1REEL7 AD-AD5678BRUZ-1REEL7 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-2 AD-AD5678BRUZ-2 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
More results

Similar Description - AD5678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
Maxim Integrated Produc...
MAX1069 MAXIM-MAX1069_10 Datasheet
370Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
logo
Analog Devices
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com