Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5680 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5680
Description  5 V 18-Bit nanoDAC in a SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5680 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5680_15 Datasheet HTML 3Page - Analog Devices AD5680_15 Datasheet HTML 4Page - Analog Devices AD5680_15 Datasheet HTML 5Page - Analog Devices AD5680_15 Datasheet HTML 6Page - Analog Devices AD5680_15 Datasheet HTML 7Page - Analog Devices AD5680_15 Datasheet HTML 8Page - Analog Devices AD5680_15 Datasheet HTML 9Page - Analog Devices AD5680_15 Datasheet HTML 10Page - Analog Devices AD5680_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5680
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
40
16
24
32
0
8
–24
–40
–32
–8
–16
0
40k
80k
120k
160k
200k
240k
VDD = VREF = 5V
TA = 25°C
Figure 5. Typical INL Plot
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
25k
50k
100k
75k
125k 150k
225k
200k
175k
250k
VDD = VREF = 5V
TA = 25°C
Figure 6. Typical DNL Plot in 50 Hz System Bandwidth
SYSTEM BANDWIDTH (Hz)
0
0
50
300
>300
±4
±1
±2
VDD = 4.5V TO 5.5V
T = –40°C TO +105°C
Figure 7. DNL Performance vs. System Bandwidth
TEMPERATURE (
°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 8. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (
°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
0
80
60
100
OFFSET ERROR
ZERO-SCALE ERROR
Figure 9. Zero-Scale Error and Offset Error vs. Temperature
I (mA)
0.20
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–5
–4
–3
–2
–1
0
1
2
4
3
5
VDD = VREF = 5V, 3V
TA = 25°C
DAC LOADED WITH
ZERO SCALE –
SINKING CURRENT
DAC LOADED WITH
FULL SCALE –
SOURCING CURRENT
Figure 10. Headroom at Rails vs. Source and Sink Current
Rev. B | Page 7 of 20


Similar Part No. - AD5680_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680_17 Datasheet
451Kb / 20P
   5V 18-Bit nanoDAC
More results

Similar Description - AD5680_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com