Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS28F016SV Datasheet(PDF) 3 Page - Intel Corporation

Part # VS28F016SV
Description  16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

VS28F016SV Datasheet(HTML) 3 Page - Intel Corporation

  VS28F016SV Datasheet HTML 1Page - Intel Corporation VS28F016SV Datasheet HTML 2Page - Intel Corporation VS28F016SV Datasheet HTML 3Page - Intel Corporation VS28F016SV Datasheet HTML 4Page - Intel Corporation VS28F016SV Datasheet HTML 5Page - Intel Corporation VS28F016SV Datasheet HTML 6Page - Intel Corporation VS28F016SV Datasheet HTML 7Page - Intel Corporation VS28F016SV Datasheet HTML 8Page - Intel Corporation VS28F016SV Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
VS28F016SV MS28F016SV FlashFileTM Memory
10
INTRODUCTION
The documentation of the Intel VSMS28F016SV
memory device includes this data sheet a detailed
user’s manual and a number of application notes
all of which are referenced at the end of this data
sheet
The data sheet is intended to give an overview of
the chip feature-set and of the operating ACDC
specifications
The 28F016SA (compatible with
VSMS28F016SV) User’s Manual provides com-
plete descriptions of the user modes system inter-
face examples and detailed descriptions of all princi-
ples of operation It also contains the full list of
software algorithm flowcharts and a brief section on
compatibility with the Intel VE28F008 and M28F008
11 Enhanced Features
The VSMS28F016SV is backwards compatible with
the VE28F008 and M28F008 and offers the follow-
ing enhancements
 SmartVoltage Technology
Selectable 50V or 120V VPP
 VPP Level Bit in Block Status Register
 Additional RYBY
Configuration
Pulse-On-WriteErase
 Additional Upload Device Information Command
Feedback
Device Revision Number
Device Proliferation Code
Device Configuration Code
 x8x16 Architecture
 Block Locking
 2 Page Buffers
 Instruction Queuing
12 Product Overview
The
VSMS28F016SV
is
a
high-performance
16-Mbit (16777216-bit) block erasable non-volatile
random
access
memory
organized
as
either
1 Mword x 16 or 2 Mbyte x 8 The VSMS28F016SV
includes thirty-two 64-KB (65536 byte) blocks or
thirty-two 32-KW (32768 word) blocks A chip mem-
ory map is shown in Figure 3
The implementation of a new architecture
with
many enhanced features will improve the device op-
erating characteristics and result in greater product
reliability and ease of use
The VSMS28F016SV incorporates SmartVoltage
technology providing VCC operation at both 33V
and 50V and program and erase capability at VPP e
120V or 50V
Operating at VCC e 33V the
VSMS28F016SV consumes approximately one-half
the power consumption at 50V VCC while 50V VCC
provides highest read performance capability VPP
e
50V operation eliminates the need for a separate
120V converter while VPP e 120V maximizes
writeerase performance In addition to the flexible
program and erase voltages the dedicated VPP
gives complete code protection with VPP s VPPLK
Depending on system design specifications
the
VSMS28F016SV is capable of supporting
80 ns access times with a VCC of 50V g5% and
loading of 30 pF
85 ns access times with a VCC of 50V g10%
and loading of 100 pF
120 ns access times with a VCC of 33V g5%
and loading of 50 pF
A 35
input pin configures the device’s internal cir-
cuitry for optimal 33V or 50V ReadWrite operation
A Command User Interface (CUI) serves as the sys-
tem interface between the microprocessor or micro-
controller and the internal memory operation
Internal Algorithm Automation allows ByteWord
Writes and Block Erase operations to be executed
using a Two-Write command sequence to the CUI in
the same way as the VE28F008 or M28F008 8-Mbit
FlashFile memory
A super-set of commands has been added to the
basic VE28F008 or M28F008 command-set to
achieve higher write performance and provide addi-
tional capabilities These new commands and fea-
tures include
 Page Buffer Writes to Flash
 Command Queuing Capability
 Automatic Data Writes during Erase
 Software Locking of Memory Blocks
 Two-Byte Successive Writes in 8-bit Systems
 Erase All Unlocked Blocks
3


Similar Part No. - VS28F016SV

ManufacturerPart #DatasheetDescription
logo
Rohm
VS28VUA1LAM ROHM-VS28VUA1LAM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
VS28VUA1LAM ROHM-VS28VUA1LAM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
VS28VUA1LAM ROHM-VS28VUA1LAM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
VS28VUA1LAM ROHM-VS28VUA1LAM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
VS28VUA1LAM ROHM-VS28VUA1LAM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
More results

Similar Description - VS28F016SV

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com