Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5930 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5930
Description  Programmable Frequency Sweep and Output Burst Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5930 Datasheet(HTML) 5 Page - Analog Devices

  AD5930_15 Datasheet HTML 1Page - Analog Devices AD5930_15 Datasheet HTML 2Page - Analog Devices AD5930_15 Datasheet HTML 3Page - Analog Devices AD5930_15 Datasheet HTML 4Page - Analog Devices AD5930_15 Datasheet HTML 5Page - Analog Devices AD5930_15 Datasheet HTML 6Page - Analog Devices AD5930_15 Datasheet HTML 7Page - Analog Devices AD5930_15 Datasheet HTML 8Page - Analog Devices AD5930_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5930
Rev. | Page 5 of 28
Y Grade1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
fMCLK = 50 MHz, fOUT = fMCLK/7
AVDD/DVDD
2.3
5.5
V
IAA
3.8
4
mA
IDD
2.4
2.7
mA
IAA + IDD
6.2
6.7
mA
Low Power Sleep Mode
Device is reset before putting into standby
20
85
µA
All outputs powered down, MCLK = 0 V, serial interface active
140
240
µA
All outputs powered down, MCLK active, serial interface active
1
Operating temperature range is as follows: Y Version: −40°C to +125°C; typical specifications are at 25°C.
2
Guaranteed by design.
3
Minimum RSET = 3.9 kΩ.
10-BIT
DAC
ON-BOARD
REFERENCE
SIN
ROM
AVDD
REGULATOR
FSADJUST
20pF
10nF
10nF
RLOAD
200Ω
RSET
6.8V
REFOUT
COMP
IOUT
FULL-SCALE
CONTROL
AD5930
CAP/2.5V
12
100nF
Figure 2. Test Circuit Used to Test the Specifications
B


Similar Part No. - AD5930_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
More results

Similar Description - AD5930_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
AD5930 AD-AD5930 Datasheet
699Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
   High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
logo
National Instruments Co...
NI665X NI-NI665X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com