Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6121 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6121
Description  CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6121 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6121_15 Datasheet HTML 3Page - Analog Devices AD6121_15 Datasheet HTML 4Page - Analog Devices AD6121_15 Datasheet HTML 5Page - Analog Devices AD6121_15 Datasheet HTML 6Page - Analog Devices AD6121_15 Datasheet HTML 7Page - Analog Devices AD6121_15 Datasheet HTML 8Page - Analog Devices AD6121_15 Datasheet HTML 9Page - Analog Devices AD6121_15 Datasheet HTML 10Page - Analog Devices AD6121_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD6121
–7–
REV. B
VGAIN – Volts
40.00
0.5
2.5
1
1.5
2
0.00
–20.00
–60.00
20.00
TA = +85 C
TA = –40 C
TA = +25 C
–40.00
Figure 8. IF Amplifier’s Gain vs. VGAIN, IF = 210 MHz,
TA = –40
°C, +25°C and +85°C
VGAIN – Volts
4.00
0
2.5
0.5
1
1.5
2.00
2.50
1.00
3.50
1.50
3.00
0.50
0.00
2
TA = +85 C
TA = –40 C
TA = +25 C
Figure 9. IF Amplifier’s Gain Error vs. VGAIN, TA = –40
°C,
+25
°C and +85°C
GAIN – dB
0
–60
20
–40
–20
0
–20
–30
–50
–10
–40
40
60
IF = 85MHz
IF = 210MHz
Figure 10. IF Amplifier’s Input IP3 vs. Gain, IF = 85 MHz,
210 MHz, TA = +25
°C
FREQUENCY – MHz
–38.00
0
200
50
100
150
–40.00
–42.00
250
300
–36.00
–44.00
–34.00
–32.00
–30.00
–46.00
–48.00
–50.00
Figure 11. IF Amplifier’s Input IP3 vs. Frequency, VGAIN =
+2.5 V, TA = +25
°C
GAIN – dB
25
–10
0
10
15
10
0
20
5
50
20
30
40
2.7VPOS
3.0VPOS
3.6VPOS
Figure 12. IF Amplifier Noise Figure vs. GAIN, IF= 85 MHz,
TA = +25
°C
GAIN – dB
25
–10
0
10
15
10
0
20
5
50
20
30
40
2.7VPOS
3.0VPOS
3.6VPOS
Figure 13. IF Amplifier Noise Figure vs. GAIN,
IF= 210 MHz, TA = +25
°C


Similar Part No. - AD6121_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
More results

Similar Description - AD6121_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com