Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N87C196KC Datasheet(PDF) 10 Page - Intel Corporation

Part # N87C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N87C196KC Datasheet(HTML) 10 Page - Intel Corporation

Back Button N87C196KC Datasheet HTML 6Page - Intel Corporation N87C196KC Datasheet HTML 7Page - Intel Corporation N87C196KC Datasheet HTML 8Page - Intel Corporation N87C196KC Datasheet HTML 9Page - Intel Corporation N87C196KC Datasheet HTML 10Page - Intel Corporation N87C196KC Datasheet HTML 11Page - Intel Corporation N87C196KC Datasheet HTML 12Page - Intel Corporation N87C196KC Datasheet HTML 13Page - Intel Corporation N87C196KC Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8XC196KC8XC196KC20
DC CHARACTERISTICS (Over Specified Operating Conditions) (Continued)
Symbol
Description
Min
Typ
Max
Units
Test Conditions
VOH1
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Quasi-bidirectional Outputs)
VCC b 07
V
IOH eb30 mA
VCC b 15
V
IOH eb60 mA
IOH1
Logical 1 Output Current in Reset
b
08
mA
VIH e VCC b 15V
on P20 Do not exceed this
or device may enter test modes
IIL2
Logical 0 Input Current in Reset
TBD
mA
VIN e 045V
on P20 Maximum current that
must be sunk by external
device to ensure test mode entry
IIH1
Logical 1 Input Current
a
200
m
AVIN e VCC e 24V
Maximum current that external
device must source to initiate NMI
ILI
Input Leakage Current (Std Inputs)
g
10
m
A0 k VIN k VCC b 03V
ILI1
Input Leakage Current (Port 0)
g
3
m
A0 k VIN k VREF
ITL
1 to 0 Transition Current (QBD Pins)
b
650
m
AVIN e 20V
IIL
Logical 0 Input Current (QBD Pins)
b
70
m
AVIN e 045V
IIL1
Ports 3 and 4 in Reset
b
70
m
AVIN e 045V
ICC
Active Mode Current in Reset
65
75
mA
XTAL1 e 16 MHz
(8XC196KC)
VCC e VPP e VREF e 55V
ICC
Active Mode Current in Reset
80
92
mA
XTAL1 e 20 MHz
(8XC196KC20)
VCC e VPP e VREF e 55V
IIDLE
Idle Mode Current (8XC196KC)
17
25
mA
XTAL1 e 16 MHz
VCC e VPP e VREF e 55V
IIDLE
Idle Mode Current (8XC196KC20)
21
30
mA
XTAL1 e 20 MHz
VCC e VPP e VREF e 55V
IPD
Powerdown Mode Current
8
15
m
AVCC e VPP e VREF e 55V
IREF
AD Converter Reference Current
2
5
mA
VCC e VPP e VREF e 55V
RRST
Reset Pullup Resistor
6K
65K
X
VCC e 55V VIN e 40V
CS
Pin Capacitance (Any Pin to VSS)10
pF
NOTES
1 All pins except RESET and XTAL1
2 Violating these specifications in Reset may cause the part to enter test modes
3 Commercial specifications apply to express parts except where noted
4 QBD (Quasi-bidirectional) pins include Port 1 P26 and P27
5 Standard Outputs include AD0 – 15 RD WR ALE BHE INST HSO pins PWMP25 CLKOUT RESET Ports 3 and 4
TXDP20 and RXD (in serial mode 0) The VOH specification is not valid for RESET Ports 3 and 4 are open-drain outputs
6 Standard Inputs include HSI pins READY BUSWIDTH RXDP21 EXTINTP22 T2CLKP23 and T2RSTP24
7 Maximum current per pin must be externally limited to the following values if VOL is held above 045V or VOH is held
below VCC b 07V
IOL on Output pins 10 mA
IOH on quasi-bidirectional pins self limiting
IOH on Standard Output pins 10 mA
8 Maximum current per bus pin (data and control) during normal operation is g32 mA
9 During normal (non-transient) conditions the following total current limits apply
Port 1 P26
IOL 29mA
IOH is self limiting
HSO P20 RXD RESET
IOL 29mA
IOH 26mA
P25 P27 WR BHE
IOL 13mA
IOH 11mA
AD0 – AD15
IOL 52mA
IOH 52mA
RD ALE INST – CLKOUT
IOL 13mA
IOH 13mA
10


Similar Part No. - N87C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N87C196KB INTEL-N87C196KB Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KB16 INTEL-N87C196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KQ INTEL-N87C196KQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KR INTEL-N87C196KR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - N87C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196JQ INTEL-80C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C198 INTEL-87C198 Datasheet
833Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com