Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6976 Datasheet(PDF) 3 Page - Intersil Corporation

Part # 2N6976
Description  5A, 400V and 500V N-Channel IGBTs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N6976 Datasheet(HTML) 3 Page - Intersil Corporation

  2N6976 Datasheet HTML 1Page - Intersil Corporation 2N6976 Datasheet HTML 2Page - Intersil Corporation 2N6976 Datasheet HTML 3Page - Intersil Corporation 2N6976 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-3
2N6975, 2N6976, 2N6977, 2N6978
Typical Performance Curves
FIGURE 1. TYPICAL NORMALIZED GATE THRESHOLD VOLTAGE
AS A FUNCTION OF JUNCTION TEMPERATURE FOR
ALL TYPES
FIGURE 2. NORMALIZED THERMAL RESPONSE
CHARACTERISTICS FOR ALL TYPES
FIGURE 3. TYPICAL TRANSFER CHARACTERISTICS FOR ALL
TYPES
FIGURE 4. TYPICAL SATURATION CHARACTERISTICS FOR
ALL TYPES
FIGURE 5. TYPICAL COLLECTOR-TO-EMITTER ON-VOLTAGE
AS A FUNCTION OF COLLECTOR CURRENT FOR
ALL TYPES
FIGURE 6. CAPACITANCE AS A FUNCTION OF COLLECTOR-
TO-EMITTER VOLTAGE FOR ALL TYPES
TC, JUNCTION TEMPERATURE (
oC)
VGE =VCE
IC = 1mA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
-50
0
+50
+100
+150
t, TIME (ms)
10
1.0
0.1
0.01
0.01
0.1
1.0
10
100
1000
Z
θ
JC(t) = r(t)RθJC
D CURVES APPLY FOR POWER PULSE
TRAIN SHOWN READ TIME AT t1
TJ(PEAK) - TC = P(PEAK)JC(t)
SINGLE PULSE
D = 0.05
D = 0.2
D = 0.5
VGE, GATE-TO-EMITTER VOLTAGE (V)
10
7.5
5.0
2.5
0
0
2.5
7.5
5.0
10
PULSE TEST, VCE = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
+25oC
+125oC
-40oC
TC = +25
oC
VGE = +6V
VGE = +5V
VGE = +4V
VGE = +10V
VGE = +8V
VGE = +7V
10
7.5
5.0
2.5
0
012
3
4
5
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
PULSE TEST
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGE = 10V
VCE, COLLECTOR-TO-EMITTER ON VOLTAGE (V)
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
1200
1000
800
600
400
200
0
010
20
30
40
50
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
f = 0.1MHz
CRSS
CISS
COSS


Similar Part No. - 2N6976

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N697 MICROSEMI-2N697 Datasheet
63Kb / 3P
   NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
   SILICON
logo
Continental Device Indi...
2N697 CDIL-2N697 Datasheet
200Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
   Amplifiers & Switches
More results

Similar Description - 2N6976

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com