Electronic Components Datasheet Search |
|
V390MA6B Datasheet(PDF) 5 Page - Littelfuse |
|
V390MA6B Datasheet(HTML) 5 Page - Littelfuse |
5 / 5 page 187 Varistor Products Revision: January 9, 2009 ©2008 Littelfuse, Inc. MA Varistor Series Axial Lead / Application Specific Varistors > MA Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/ma.html for current information. Product Dimensions LL H b (diameter) D Symbol Inches Millimeters Min Max Min Max Øb 0.024 0.026 0.61 0.66 ØD 0.118 0.177 3.0 4.5 H 0.177 0.276 4.5 7.0 L 1.740 1.220 27.3 31.0 Typical Weight = 0.5g Operating/Storage Temperature -40°C to +85°C Passive Aging +85°C, 1000 hours +/-10% typical voltage change Humidity Aging +85°C, 85% RH, 1000 hours +/-10% typical voltage change Thermal Shock +85°C to -40°C 5 times +/-10% typical voltage change Solvent Resistance MIL–STD–202, Method 215F Moisture Sensitivity Level 1, J–STD–020C Lead Material Tin–plated Copper clad steel Soldering Characteristics Solderability per MIL–STD–202, Method 208E Insulating Material Cured, flame retardant epoxy polymer meets UL94V–0 requirements Device Labeling Marked with LF, voltage and date code Physical Specifications Environmental Specifications Tape and Reel Dimensions H1 = H2 +/- 0.040” H1 H2 0.240”+/- 0.040 2.062”+/- 0.059 2.681” max 0.063” max Conforms to EIA Standard RS-296-E 0.080” max 0.200” +/- 0.02 Part Numbering System VARISTOR VOLTAGE (VN at 1mA) ENERGY/CLAMPING VOLTAGE VARIANT SERIES DESIGNATOR MA: Bulk Pack MT: Tape and Reel V XXX MA XX VARISTOR Wave Solder Profile 0 50 100 150 200 250 300 00.5 11.5 22.5 33.5 4 TIME(MINUTES) Maximum Wave 240C Lead–free Profile 0 50 100 150 200 250 300 00.5 11.5 22.5 33.5 4 TIME(MINUTES) Maximum Wave 260C Non Lead–free Profile Figure 9 Figure 10 |
Similar Part No. - V390MA6B |
|
Similar Description - V390MA6B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |