Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7288R Datasheet(PDF) 2 Page - Intersil Corporation

Part # 2N7288R
Description  Radiation Hardened N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N7288R Datasheet(HTML) 2 Page - Intersil Corporation

  2N7288R Datasheet HTML 1Page - Intersil Corporation 2N7288R Datasheet HTML 2Page - Intersil Corporation 2N7288R Datasheet HTML 3Page - Intersil Corporation 2N7288R Datasheet HTML 4Page - Intersil Corporation 2N7288R Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications 2N7288D, 2N7288R, 2N7288H - Registration Pending
Pre-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source Breakdown Volts
BVDSS
VGS = 0, ID = 1mA
250
-
V
Gate-Threshold Volts
VGS(th)
VDS = VGS, ID = 1mA
2.0
4.0
V
Gate-Body Leakage Forward
IGSSF
VGS = +20V
-
100
nA
Gate-Body Leakage Reverse
IGSSR
VGS = -20V
-
100
nA
Zero-Gate Voltage
Drain Current
IDSS1
IDSS2
IDSS3
VDS = 250V, VGS = 0
VDS = 200V, VGS = 0
VDS = 200V, VGS = 0, TC = +125oC
-
-
-
1
0.025
0.25
mA
Rated Avalanche Current
IAR
Time = 20
µs
-
27
A
Drain-Source On-State Volts
VDS(on)
VGS = 10V, ID = 9A
-
3.92
V
Drain-Source On Resistance
RDS(on)
VGS = 10V, ID = 6A
-
0.415
Turn-On Delay Time
td(on)
VDD = 125V, ID = 9A
-
46
ns
Rise Time
tr
Pulse Width = 3
µs
-
100
Turn-Off Delay Time
td(off)
Period = 300
µs, Rg = 25Ω
-
368
Fall Time
tf
0
≤ VGS ≤ 10 (See Test Circuit)
-
124
Gate-Charge Threshold
QG(th)
VDD = 125V, ID = 9A
IGS1 = IGS2
0
≤ VGS ≤ 20
28
nc
Gate-Charge On State
QG(on)
29
116
Gate-Charge Total
QGM
55
220
Plateau Voltage
VGP
2
10
V
Gate-Charge Source
QGS
4
18
nc
Gate-Charge Drain
QGD
12
48
Diode Forward Voltage
VSD
ID = 9A, VGD = 0
0.6
1.8
V
Reverse Recovery Time
TT
I = 9A; di/dt = 100A/
µs
-
840
ns
Junction-To-Case
R
θjc
-
1.67
oC/W
Junction-To-Ambient
R
θja
Free Air Operation
-
60
FIGURE 1. SWITCHING TIME TESTING
FIGURE 2. CLAMPED INDUCTIVE SWITCHING, ILM
VDD
RL
V1
Rg
VDS
DUT
IL
VC
E1
L
0.06
E1 = 0.5 BVDSS
VC = 0.75 BVDSS


Similar Part No. - 2N7288R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720 STMICROELECTRONICS-2N720 Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
logo
Central Semiconductor C...
2N720A CENTRAL-2N720A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N720A MICROSEMI-2N720A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
53Kb / 4P
   EPITAXIAL PLANAR NPN
More results

Similar Description - 2N7288R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRX130D INTERSIL-FRX130D Datasheet
35Kb / 5P
   Radiation Hardened N-Channel Power MOSFETs
April 1998
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYC163D INTERSIL-FSYC163D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYC360D INTERSIL-FSYC360D Datasheet
77Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
February 2000
FSYE13A0D INTERSIL-FSYE13A0D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com