Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C86 Datasheet(PDF) 6 Page - Intersil Corporation

Part # 80C86
Description  CMOS 16-Bit Microprocessor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C86 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 80C86 Datasheet HTML 2Page - Intersil Corporation 80C86 Datasheet HTML 3Page - Intersil Corporation 80C86 Datasheet HTML 4Page - Intersil Corporation 80C86 Datasheet HTML 5Page - Intersil Corporation 80C86 Datasheet HTML 6Page - Intersil Corporation 80C86 Datasheet HTML 7Page - Intersil Corporation 80C86 Datasheet HTML 8Page - Intersil Corporation 80C86 Datasheet HTML 9Page - Intersil Corporation 80C86 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
FN2957.3
January 9, 2009
HOLD
HLDA
31, 30
I
O
HOLD: indicates that another master is requesting a local bus “hold”. To be an acknowledged, HOLD
must be active HIGH. The processor receiving the “hold” will issue a “hold acknowledge” (HLDA) in
the middle of a t4 or TI clock cycle. Simultaneously with the issuance of HLDA, the processor will float
the local bus and control lines. After HOLD is detected as being LOW, the processor will lower HLDA,
and when the processor needs to run another cycle, it will again drive the local bus and control lines.
HOLD is not an asynchronous input. External synchronization should be provided if the system cannot
otherwise guarantee the setup time.
Minimum Mode System (Continued)
The following pin function descriptions are for the 80C86 in minimum mode (i.e., MN/MX = VCC). Only the pin functions which are unique to minimum
mode are described; all other pin functions are as described in the following.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
Maximum Mode System
The following pin function descriptions are for the 80C86 system in maximum mode (i.e., MN/MX - GND). Only the pin functions which are unique
to maximum mode are described in the following.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
S0
S1
S2
26
27
28
O
O
O
STATUS: is active during t4, t1 and t2 and is returned to the passive state (1, 1, 1) during t3 or during
tW when READY is HIGH. This status is used by the 82C88 Bus Controller to generate all memory
and I/O access control signals. Any change by S2, S1 or S0 during t4 is used to indicate the beginning
of a bus cycle, and the return to the passive state in t3 or tW is used to indicate the end of a bus cycle.
These signals are held at a high impedance logic one state during “grant sequence”.
S2
S1
S0
CHARACTERISTICS
0
0
0
Interrupt Acknowledge
0
0
1
Read I/O Port
0
1
0
Write I/O Port
011
Halt
1
0
0
Code Access
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
Passive
80C86


Similar Part No. - 80C86

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
More results

Similar Description - 80C86

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com