Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU1508 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GBU1508
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBU1508 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GBU1508 Datasheet HTML 1Page - List of Unclassifed Manufacturers GBU1508 Datasheet HTML 2Page - List of Unclassifed Manufacturers GBU1508 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GBU1502 thru GBU1510
Document Number: GBU1502 thru GBU1510
www.smsemi.com
Apr.18, 2012
3
Package Outline Information
CASE: GBU-A
Dimensions in inches (mm)
+
0.740(18.8)
0.720(18.3)
0.717(18.2)
0.697(17.7)
0.026(0.67)
0.020(0.52)
0.085(2.16)
0.075(1.90)
0.140(3.56)
0.130(3.30)
~
~
-
0.880(22.3)
0.860(21.8)
0.310(7.9)
0.290(7.4)
0.085(2.16)
0.065(1.65)
0.160(4.1)
0.140(3.5)
0.080(2.03)
0.060(1.52)
0.100(2.54)
0.085(2.16)
0.080(2.03)
0.065(1.65)
0.190(4.83)
0.210(5.33)
0.050(1.27)
0.040(1.02)
0.075
(1.9)R
0.125(3.2)×45°
Chamfer


Similar Part No. - GBU1508

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU1508 SECOS-GBU1508 Datasheet
190Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
GBU1508 JUXING-GBU1508 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBU1508 CHENG-YI-GBU1508 Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
GBU1508 CHENDA-GBU1508 Datasheet
553Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBU1508 RFE-GBU1508 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - GBU1508

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com