Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80C88 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CP80C88
Description  CMOS 8/16-Bit Microprocessor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP80C88 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CP80C88 Datasheet HTML 4Page - Intersil Corporation CP80C88 Datasheet HTML 5Page - Intersil Corporation CP80C88 Datasheet HTML 6Page - Intersil Corporation CP80C88 Datasheet HTML 7Page - Intersil Corporation CP80C88 Datasheet HTML 8Page - Intersil Corporation CP80C88 Datasheet HTML 9Page - Intersil Corporation CP80C88 Datasheet HTML 10Page - Intersil Corporation CP80C88 Datasheet HTML 11Page - Intersil Corporation CP80C88 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
3-8
The BIU will automatically execute two fetch or write cycles
for 16-bit operands.
Certain locations in memory are reserved for specific CPU
operations. (See Figure 2). Locations from addresses
FFFF0H through FFFFFH are reserved for operations
including a jump to initial system initialization routine. Follow-
ing RESET, the CPU will always begin execution at location
FFFF0H where the jump must be located. Locations 00000H
through 003FFH are reserved for interrupt operations. Each
of the 256 possible interrupt service routines is accessed
through its own pair of 16-bit pointers - segment address
pointer and offset address pointer. The first pointer, used as
the offset address, is loaded into the IP, and the second
pointer, which designates the base address, is loaded into
the CS. At this point program control is transferred to the
interrupt routine. The pointer elements are assumed to have
been stored at their respective places in reserved memory
prior to the occurrence of interrupts.
Minimum and Maximum Modes
The requirements for supporting minimum and maximum
80C88 systems are sufficiently different that they cannot be
done efficiently with 40 uniquely defined pins. Consequently,
the 80C88 is equipped with a strap pin (MN/MX) which
defines the system configuration. The definition of a certain
subset of the pins changes, dependent on the condition of
the strap pin. When the MN/MX pin is strapped to GND, the
80C88 defines pins 24 through 31 and 34 in maximum
mode. When the MN/MX pins is strapped to VCC, the 80C88
generates bus control signals itself on pins 24 through 31
and 34.
The minimum mode 80C88 can be used with either a
muliplexed or demultiplexed bus. This architecture provides
the 80C88 processing power in a highly integrated form.
The demultiplexed mode requires one latch (for 64K addres-
sability) or two latches (for a full megabyte of addressing).
An 82C86 or 82C87 transceiver can also be used if data bus
buffering is required. (See Figure 3). The 80C88 provides
DEN and DT/R to control the transceiver, and ALE to latch
the addresses. This configuration of the minimum mode pro-
vides the standard demultiplexed bus structure with heavy
bus buffering and relaxed bus timing requirements.
The maximum mode employs the 82C88 bus controller (See
Figure 4). The 82C88 decode status lines S0, S1 and S2,
and provides the system with all bus control signals. Moving
the bus control to the 82C88 provides better source and sink
current capability to the control lines, and frees the 80C88
pins for extended large system features. Hardware lock,
queue status, and two request/grant interfaces are provided
by the 80C88 in maximum mode. These features allow
coprocessors in local bus and remote bus configurations.
TYPE 255 POINTER
(AVAILABLE)
RESET BOOTSTRAP
PROGRAM JUMP
TYPE 33 POINTER
(AVAILABLE)
TYPE 32 POINTER
(AVAILABLE)
TYPE 31 POINTER
(AVAILABLE)
TYPE 5 POINTER
(RESERVED)
TYPE 4 POINTER
OVERFLOW
TYPE 3 POINTER
1 BYTE INT INSTRUCTION
TYPE 2 POINTER
NON MASKABLE
TYPE 1 POINTER
SINGLE STEP
TYPE 0 POINTER
DIVIDE ERROR
16-BITS
CS BASE ADDRESS
IP OFFSET
014H
010H
00CH
008H
004H
000H
07FH
080H
084H
FFFF0H
FFFFFH
3FFH
3FCH
AVAILABLE
INTERRUPT
POINTERS
(224)
DEDICATED
INTERRUPT
POINTERS
(5)
RESERVED
INTERRUPT
POINTERS
(27)
FIGURE 15. RESERVED MEMORY LOCATIONS
80C88


Similar Part No. - CP80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP80C88 INTERSIL-CP80C88 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
CP80C88 INTERSIL-CP80C88 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
CP80C88-2 INTERSIL-CP80C88-2 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
CP80C88-2 INTERSIL-CP80C88-2 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
CP80C88Z INTERSIL-CP80C88Z Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
More results

Similar Description - CP80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
   8-Bit CMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com