Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD5.1EAB2 Datasheet(PDF) 1 Page - NEC

Part # RD5.1EAB2
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD5.1EAB2 Datasheet(HTML) 1 Page - NEC

  RD5.1EAB2 Datasheet HTML 1Page - NEC RD5.1EAB2 Datasheet HTML 2Page - NEC RD5.1EAB2 Datasheet HTML 3Page - NEC RD5.1EAB2 Datasheet HTML 4Page - NEC RD5.1EAB2 Datasheet HTML 5Page - NEC RD5.1EAB2 Datasheet HTML 6Page - NEC RD5.1EAB2 Datasheet HTML 7Page - NEC RD5.1EAB2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
400 mW DHD ZENER DIODE
(DO-34)
DESCRIPTION
NEC Type RD2.0ES to RD39ES Series are planar type diodes into DO-34
Package (Body length 2.4 mm MAX.) with DHD (Double Heatsink Diode)
construction having allowable power dissipation of 400 mW.
FEATURES
• DO-34 Glass sealed package
This diode can be inserted into a PC board with a shorter pitch (5 mm)
• Planar process
• DHD (Double Heatsink Diode) construction
•VZ Applied E24 standard
ORDERING INFORMATION
RD2.0ES to RD39ES with suffix "AB1", "AB2", or "AB3" should be applied
for orders for suffix "AB".
APPLICATIONS
Circuits for Constant Voltage, Constant Current, Waveform clipper, Surge absorber, etc.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Forward Current
IF
150 mA
Power Dissipation
P
400 mW
to see Fig. 6
Surge Reverse Power
PRSM
100 W (t = 10
µs)
to see Fig. 10
Junction Temperature
Tj
175
°C
Storage Temperature
Tstg
–65 to +175
°C
ZENER DIODES
RD2.0ES to RD39ES
Document No. D13935EJ6V0DS00 (6th edition)
(Previous No. DC-2140)
Date Published March 1999 N CP(K)
Printed in Japan
©
1984
DATA SHEET
0.4
Cathode
indication
2.0 MAX.
DO-34 (JEDEC)
Marking color: Black
PACKAGE DIMENSIONS
(in millimeters)
φ
φ
5 mm
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - RD5.1EAB2

ManufacturerPart #DatasheetDescription
logo
NEC
RD5.1E NEC-RD5.1E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD5.1E EIC-RD5.1E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD5.1E NJSEMI-RD5.1E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD5.1EB NEC-RD5.1EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD5.1EB1 NEC-RD5.1EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD5.1EAB2

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com