Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87L42 Datasheet(PDF) 6 Page - Intel Corporation

Part # S87L42
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S87L42 Datasheet(HTML) 6 Page - Intel Corporation

Back Button S87L42 Datasheet HTML 2Page - Intel Corporation S87L42 Datasheet HTML 3Page - Intel Corporation S87L42 Datasheet HTML 4Page - Intel Corporation S87L42 Datasheet HTML 5Page - Intel Corporation S87L42 Datasheet HTML 6Page - Intel Corporation S87L42 Datasheet HTML 7Page - Intel Corporation S87L42 Datasheet HTML 8Page - Intel Corporation S87L42 Datasheet HTML 9Page - Intel Corporation S87L42 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
UPI-C42UPI-L42
If ‘‘EN DMA’’ has been executed P27 becomes
the DACK (DMA ACKnowledge) pin This pin acts
as a chip select input for the Data Bus Buffer
registers during DMA transfers
EN DMA
Op Code 0E5H
1
110010
1
D7
D0
6
When EA is enabled on the UPI the program
counter is placed on Port 1 and the lower four
bits of Port 2 (MSB e P23 LSB e P10) On the
UPI this information is multiplexed with PORT
DATA (see port timing diagrams at end of this
data sheet)
7
The UPI-C42 supports the Quick Pulse Program-
ming Algorithm but can also be programmed
with the Intelligent Programming Algorithm (See
the Programming Section)
UPI-C42 FEATURES
Programmable Memory Size Increase
The user programmable memory on the UPI-C42 will
be increased from the 2K available in the NMOS
product by 2X to 4K The larger user programmable
memory array will allow the user to develop more
complex peripheral control micro-code P23 (port 2
bit 3) has been designated as the extra address pin
required to support the programming of the extra 2K
of user programmable memory
The new instruction SEL PMB1 (73h) allows for ac-
cess to the upper 2K bank (locations 2048 – 4095)
The additional memory is completely transparent to
users not wishing to take advantage of the extra
memory space No new commands are required to
access the lower 2K bytes The SEL PMB0 (63h)
has also been added to the UPI-C42 instruction set
to allow for switching between memory banks
Extended Memory Program
Addressing (Beyond 2K)
For programs of 2K words or less the UPI-C42 ad-
dresses program memory in the conventional man-
ner Addresses beyond 2047 can be reached by ex-
ecuting a program memory bank switch instruction
(SEL PMB0 SEL PMB1) followed by a branch in-
struction (JMP or CALL) The bank switch feature
extends the range of branch instructions beyond
their normal 2K range and at the same time prevents
the user from inadvertently crossing the 2K boundary
PROGRAM MEMORY BANK SWITCH
The switching of 2K program memory banks is ac-
complished by directly setting or resetting the most
significant bit of the program counter (bit 11) see
Figure 5 Bit 11 is not altered by normal increment-
ing of the program counter but is loaded with the
contents of a special flip-flop each time a JMP or
CALL instruction is executed This special flip-flop is
set by executing an SEL PMB1 instruction and reset
by SEL PMB0 Therefore the SEL PMB instruction
may be executed at any time prior to the actual bank
switch which occurs during the next branch instruc-
tion encountered Since all twelve bits of the pro-
gram counter including bit 11 are stored in the
stack when a Call is executed the user may jump to
subroutines across the 2K boundary and the proper
PC will be restored upon return However the bank
switch flip-flop will not be altered on return
290414 – 30
Figure 5 Program Counter
INTERRUPT ROUTINES
Interrupts always vector the program counter to lo-
cation 3 or 7 in the first 2K bank and bit 11 of the
program counter is held at ‘‘0’’ during the interrupt
service routine The end of the service routine is sig-
naled by the execution of an RETR instruction Inter-
rupt service routines should therefore be contained
entirely in the lower 2K words of program memory
The execution of a SEL PMB0 or SEL PMB1 instruc-
tion within an interrupt routine is not recommended
since it will not alter PC11 while in the routine but
will change the internal flip-flop
Hardware A20 Gate Support
This feature has been provided to enhance the per-
formance of the UPI-C42 when being used in a key-
board controller application The UPI-C42 design
has included on chip logic to support a hardware
GATEA20 feature which eliminates the need to pro-
vide firmware to process A20 command sequences
6


Similar Part No. - S87L42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87L51FA-4A44 PHILIPS-S87L51FA-4A44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4B44 PHILIPS-S87L51FA-4B44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4F40 PHILIPS-S87L51FA-4F40 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4K44 PHILIPS-S87L51FA-4K44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4N40 PHILIPS-S87L51FA-4N40 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
More results

Similar Description - S87L42

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
82C55A INTEL-82C55A Datasheet
325Kb / 23P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com