Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C284 Datasheet(PDF) 8 Page - Intersil Corporation

Part # 82C284
Description  Clock Generator and Ready Interface for 80C286 Processors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C284 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button 82C284 Datasheet HTML 3Page - Intersil Corporation 82C284 Datasheet HTML 4Page - Intersil Corporation 82C284 Datasheet HTML 5Page - Intersil Corporation 82C284 Datasheet HTML 6Page - Intersil Corporation 82C284 Datasheet HTML 7Page - Intersil Corporation 82C284 Datasheet HTML 8Page - Intersil Corporation 82C284 Datasheet HTML 9Page - Intersil Corporation 82C284 Datasheet HTML 10Page - Intersil Corporation 82C284 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
t6
Status Hold Time
1
-
1
-
ns
t7
F/C Setup Time
15
-
15
-
t8
F/C Hold Time
15
-
15
-
t9
SRDY or SRDYEN Setup Time
15
-
15
-
ns
t10
SRDY or SRDYEN Hold Time
2
-
2
-
ns
t11
ARDY or ARDYEN Setup Time
5
-
5
-
ns
(Note 3)
t12
ARDY or ARDYEN Hold Time
30
-
25
-
ns
(Note 3)
t13
RES Setup Time
20
-
18
-
ns
(Notes 3, 7)
t14
RES Hold Time
10
-
8
-
ns
(Notes 3, 7)
t16
CLK Period
50
-
40
-
t17
CLK LOW Time
12
-
11
-
ns
(Notes 2, 6)
t18
CLK HIGH Time
16
-
13
-
ns
(Notes 2, 6)
t21
READY Inactive Delay
5
-
5
-
ns
At 0.8V (Note 4), Test Condition 2
t22
READY Active Delay
-
24
-
18
ns
At 0.8V (Note 4)
t23
PCLK Delay
-
20
-
16
ns
CL = 75pF, Test Condition 1
t24
RESET Delay
-
27
-
26
ns
CL = 75pF, Test Condition 3
t25
PCLK LOW Time
t16 -10
-
t16 -10
-
na
CL = 75pF (Note 5)
t26
PCLK HIGH Time
t16 -10
-
t16 -10
-
ns
CL= 75pF (Note 5)
NOTES:
1. VCC = 4.5V and 5.5V unless otherwise specified. CLK loading: CL = 100pF.
2. With the internal crystal oscillator using recommended crystal and capacitive loading; or with the EFI input meeting specifications t1 and
t2. The recommended crystal loading for CLK frequencies of 8MHz to 20MHz are 25pF from pin X1 to ground, and 15pF from pin X2 to
ground; for CLK frequencies from 20MHz to 25MHz the recommended loading is 15pF from pin X1 to GND. These recommended values
are +5pF and include all stray capacitance. Decouple VCC and GND as close to the 82C284 as possible.
3. This is an asynchronous input. This specification is given for testing purposes only, to assure recognition at a specific CLK edge.
4. The pull-up resistor value for the READY pin is 620
Ω with the rated 150pF load.
5. t16 refers to any allowable CLK period.
6. When using a crystal with the recommended capacitive loading, CLK output HIGH and LOW times are guaranteed to meet 80C286 re-
quirements.
7. Measured from 1.0V on the CLK to 0.8V on the RES waveform for RES waveform for RES active and to 4.2V on the RES waveform for
RES inactive.
8. Input test waveform characteristics: VIL = 0V, VlH = 4.5V.
AC Electrical Specifications
TA = 0
oC to +70oC (CD82C284); V
CC = 5V ±10% (Continued)
TA = -40
oC to +85oC (lD82C284)
AC Timings are Referenced to 0.8V and 2.0V Points of the Signals as Illustrated in Waveforms,
Unless Otherwise Noted.
SYMBOL
PARAMETER
10MHz
12.5MHz
UNIT
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNTESTED SPECIFICATIONS
SYMBOL
PARAMETER
10MHz
12.5MHz
UNITS
CONDlTIONS (NOTE 1)
MIN
MAX
MIN
MAX
CIN
Input Capacitance
-
10
-
10
pF
FREQ = 1MHz, All measurements are
referenced to device GND, TA = +25
oC
t15A
EFI HIGH to CLK LOW Delay
-
30
-
25
ns
(Note 2)
t15B
EFI LOW to CLK HIGH Delay
-
35
-
30
ns
(Note 3)
82C284


Similar Part No. - 82C284

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C284 RENESAS-82C284 Datasheet
605Kb / 11P
   Clock Generator and Ready Interface for 80C286 Processors
June 2004
logo
Intersil Corporation
82C284/883 INTERSIL-82C284/883 Datasheet
222Kb / 9P
   Clock Generator and Ready Interface for 80C286 Processors
82C284883 INTERSIL-82C284883 Datasheet
222Kb / 9P
   Clock Generator and Ready Interface for 80C286 Processors
More results

Similar Description - 82C284

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C284 RENESAS-82C284 Datasheet
605Kb / 11P
   Clock Generator and Ready Interface for 80C286 Processors
June 2004
logo
Intersil Corporation
82C284883 INTERSIL-82C284883 Datasheet
222Kb / 9P
   Clock Generator and Ready Interface for 80C286 Processors
logo
Siemens Semiconductor G...
SAB82284 SIEMENS-SAB82284 Datasheet
353Kb / 14P
   clock generator and ready interface for sab 80286 processors
logo
UMC Corporation
UMC82C284 UMC-UMC82C284 Datasheet
617Kb / 7P
   Clock Generator and Ready Interface
logo
Intel Corporation
82285 INTEL-82285 Datasheet
408Kb / 7P
   CLOCK GENERATOR AND READY INTERFACE FOR I/O COPROCESSORS
82284 INTEL-82284 Datasheet
601Kb / 12P
   Clock Driver and Ready Interface for iAPX 286 Processors PRELMINARY
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com