Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87L42 Datasheet(PDF) 7 Page - Intel Corporation

Part # P87L42
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87L42 Datasheet(HTML) 7 Page - Intel Corporation

Back Button P87L42 Datasheet HTML 3Page - Intel Corporation P87L42 Datasheet HTML 4Page - Intel Corporation P87L42 Datasheet HTML 5Page - Intel Corporation P87L42 Datasheet HTML 6Page - Intel Corporation P87L42 Datasheet HTML 7Page - Intel Corporation P87L42 Datasheet HTML 8Page - Intel Corporation P87L42 Datasheet HTML 9Page - Intel Corporation P87L42 Datasheet HTML 10Page - Intel Corporation P87L42 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
UPI-C42UPI-L42
thereby providing additional user programmable
memory space
This feature is enabled by the
A20EN instruction and remains enabled until the de-
vice is reset It is important to note that the execu-
tion of the A20EN instruction redefines Port 2 bit 1
as a pure output pin with read only characteristics
The state of this pin can be modified only through a
valid ‘‘D1’’ command sequence (see Table 1) Once
enabled the A20 logic will process a ‘‘D1’’ com-
mand sequence (write to output port) by settingre-
setting the A20 bit on port 2 bit 1 (P21) without
requiring service from the internal CPU The host
can directly control the status of the A20 bit At no
time during this host interface transaction will the
IBF flag in the status register be activated Table 1
gives several possible GATEA20 commanddata se-
quences and UPI-C42 responses
Table 1 D1 Command Sequences
A0 RW DB Pins IBF A20
Comments
1
W
D1h
0
n(1) Set A20 Sequence
0
W
DFh
0
1
Only DB1 Is Processed
1
W
FFH(2)
0n
1
W
D1h
0
n
Clear A20 Sequence
0
W
DDh
0
0
1
W
FFh
0
n
1
W
D1h
0
n
Double Trigger Set
1
W
D1h
0
n
Sequence
0
W
DFh
0
1
1
W
FFh
0
n
1
W
D1h
0
n
Invalid Sequence
1
W
XXh(3)
1
n
No Change in State
0
W
DDh
1
n
of A20 Bit
NOTES
1 Indicates that P21 remains at the previous logic level
2 Only FFh commands in a valid A20 sequence have no
effect on IBF An FFh issued at any other time will activate
IBF
3 Any command except D1
The above sequences assume that the GATEA20
logic has been enabled via the A20EN instruction
As noted only the value on DB 1 (data bus bit 1) is
processed This bit will be directly passed through to
P21 (port 2 bit 1)
SUSPEND
The execution of the suspend instruction (82h or
E2h) causes the UPI-C42 to enter the suspend
mode In this mode of operation the oscillator is not
running and the internal CPU operation is stopped
The UPI-C42 consumes s40 mA in the suspend
mode This mode can only be exited by RESET
CPU operation will begin from PC e 000h when the
UPI-C42 exits from the suspend power down mode
Suspend Mode Summary
 Oscillator Not Running
 CPU Operation Stopped
 Ports Tristated with Weak (E2–10 mA) Pull-Up
 Micropower Mode (ICC s 40 mA)
 This mode is exited by RESET
7


Similar Part No. - P87L42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC759BN PHILIPS-P87LPC759BN Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC760BDH PHILIPS-P87LPC760BDH Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC760BN PHILIPS-P87LPC760BN Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
More results

Similar Description - P87L42

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
82C55A INTEL-82C55A Datasheet
325Kb / 23P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com