Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3707PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFR3707PBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3707PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFR3707PBF Datasheet HTML 2Page - International Rectifier IRFR3707PBF Datasheet HTML 3Page - International Rectifier IRFR3707PBF Datasheet HTML 4Page - International Rectifier IRFR3707PBF Datasheet HTML 5Page - International Rectifier IRFR3707PBF Datasheet HTML 6Page - International Rectifier IRFR3707PBF Datasheet HTML 7Page - International Rectifier IRFR3707PBF Datasheet HTML 8Page - International Rectifier IRFR3707PBF Datasheet HTML 9Page - International Rectifier IRFR3707PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFR/U3707PbF
www.irf.com
7
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE ASS EMBLY LINE "A"
ASS EMBLED ON WW 16, 1999
EXAMPLE:
WIT H ASS EMBLY
THIS IS AN IRFR120
LOT CODE 1234
YE AR 9 = 1999
DATE CODE
WEE K 16
PART NUMB ER
LOGO
INTERNAT IONAL
RECTIF IE R
ASS EMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DES IGNATE S LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in as sembly line position
indicates "Lead-Free"
12
34
WEE K 16
A = ASS EMBLY SIT E CODE
PART NUMB ER
IRFU120
LINE A
LOGO
LOT CODE
ASS EMBLY
INTE RNAT IONAL
RECTIF IE R


Similar Part No. - IRFR3707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3707PBF KERSEMI-IRFR3707PBF Datasheet
3Mb / 9P
   SMPS MOSFET
More results

Similar Description - IRFR3707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com