Selected language     English  ▼


LCE33 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. LCE33
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
LCE6.5 thru LCE170A
Document Number: LCE6.5 thru LCE170A
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
IPP @ 10/
1000µs
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Capacitance
@ 0V
f=1MHZ
Working Inverse
Blocking Voltage
IIIB @VWIB
Peak
Inverse
Blocking
Voltage
MIN
MAX
IBR
(mA)
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
pF
VWIB(V)
IIB(μA)
VPIB(V)
LCE6.5
LCE6.5A
LCE7.0
LCE7.0A
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
6.5
6.5
7.0
7.0
1000
1000
500
500
100.0
100.0
100.0
100.0
12.3
11.2
13.3
12.0
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE7.5
LCE7.5A
LCE8.0
LCE8.0A
8.33
8.33
8.89
8.89
10.2
9.21
10.9
9.83
10
10
1
1
7.5
7.5
8.0
8.0
250
250
100
100
100.0
100.0
100.0
100.0
14.3
12.9
15.0
13.6
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE8.5
LCE8.5A
LCE9.0
LCE9.0A
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
8.5
8.5
9.0
9.0
50
50
10
10
94.0
100.0
89.0
97.0
15.9
14.4
16.9
15.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE10
LCE10A
LCE11
LCE11A
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
10.0
10.0
11.0
11.0
5
5
5
5
80.0
88.0
74.0
82.0
18.8
17.0
20.1
18.2
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE12
LCE12A
LCE13
LCE13A
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
12.0
12.0
13.0
13.0
5
5
5
5
68.0
75.0
63.0
70.0
22.0
19.9
23.8
21.5
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE14
LCE14A
LCE15
LCE15A
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
14.0
14.0
15.0
15.0
5
5
5
5
58.0
65.0
56.0
61.0
25.8
23.2
26.9
24.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE16
LCE16A
LCE17
LCE17A
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
16.0
16.0
17.0
17.0
5
5
5
5
52.0
57.0
49.0
54.0
28.8
26.0
30.5
27.6
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE18
LCE18A
LCE20
LCE20A
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
18.0
18.0
20.0
20.0
5
5
5
5
46.0
51.0
42.0
46.0
32.2
29.2
35.8
32.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE22
LCE22A
LCE24
LCE24A
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
22.0
22.0
24.0
24.0
5
5
5
5
38.0
42.0
35.0
39.0
39.4
35.5
43.0
38.9
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE26
LCE26A
LCE28
LCE28A
28.9
28.9
31.1
31.1
35.3
31.9
38.0
34.4
1
1
1
1
26.0
26.0
28.0
28.0
5
5
5
5
32.0
36.0
30.0
33.0
46.6
42.1
50.0
45.4
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE30
LCE30A
LCE33
LCE33A
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
30.0
30.0
33.0
33.0
5
5
5
5
28.0
31.0
25.4
28.1
53.5
48.4
58.0
53.3
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE36
LCE36A
LCE40
LCE40A
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
36.0
36.0
40.0
40.0
5
5
5
5
23.3
25.8
21.0
23.0
64.3
58.1
71.4
64.5
100
100
100
100
75
75
75
75
10
10
10
10
100
100
100
100
LCE43
LCE43A
LCE45
LCE45A
47.8
47.8
50.0
50.0
58.4
52.8
61.1
55.3
1
1
1
1
43.0
43.0
45.0
45.0
5
5
5
5
19.5
21.6
18.7
20.6
76.7
69.4
80.3
72.7
100
100
100
100
150
150
150
150
10
10
10
10
200
200
200
200
LCE48
LCE48A
LCE51
LCE51A
53.3
53.3
56.7
56.7
65.1
58.9
69.3
62.7
1
1
1
1
48.0
48.0
51.0
51.0
5
5
5
5
17.5
19.4
16.5
18.2
85.5
77.4
91.1
82.4
100
100
100
100
150
150
150
150
10
10
10
10
200
200
200
200
打印无效




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl