Selected language     English  ▼


LCE33A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. LCE33A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
LCE6.5 thru LCE170A
Document Number: LCE6.5 thru LCE170A
www.smsemi.com
Feb.29, 2012
1
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PPPM
Peak pulse power capability with a 10/1000μs
1500
W
IPPM
Peak pulse current with
a 10/1000μs
SEE TABLE1
A
PM(AV)
Steady state power dissipation at TL=40℃ ,Lead lengths 0.375”(10mm)
5
W
Steady state power dissipation at TA=25℃ when mounted on FR4 PC
described for thermal resistance
1.52
W
VF
Maximum instantaneous forward voltage at 100A
3.5
V
RθJL
Thermal resistance junction to lead
22
℃/W
RθJA
Thermal resistance junction to ambient
82
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
Transient Voltage Suppressor
Breakdown Voltage 6.5 to 170 Volts
Peak Pulse Power
1500 Watts
Features
Breakdown Voltages (VBR)from 6.5 to 170V
1500W peak pulse power capability with a 10/1000
μs
waveform, repetitive rate (duty cycle):0.01%
Low capacitance
Fast Response Time
Excellent clamping capability
High temperature soldering guaranteed: 265℃ /10
seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg)
tension
Application
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICS, MOSFE, signal lines of sensor units for
consumer, computer, industrial, automotive and
telecommunication
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Part number and cathode band
Polarity: Cathode indicated by band
Weight: 1.2g(Approximately)
CASE: DO-204AL (DO-27)
Dimensions in inches and (millimeters)
打印无效




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl