Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ID82C284-12 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ID82C284-12
Description  Clock Generator and Ready Interface for 80C286 Processors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ID82C284-12 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ID82C284-12 Datasheet HTML 3Page - Intersil Corporation ID82C284-12 Datasheet HTML 4Page - Intersil Corporation ID82C284-12 Datasheet HTML 5Page - Intersil Corporation ID82C284-12 Datasheet HTML 6Page - Intersil Corporation ID82C284-12 Datasheet HTML 7Page - Intersil Corporation ID82C284-12 Datasheet HTML 8Page - Intersil Corporation ID82C284-12 Datasheet HTML 9Page - Intersil Corporation ID82C284-12 Datasheet HTML 10Page - Intersil Corporation ID82C284-12 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
AC Specifications
AC Test Condition
t19
CLK Rise Time
-
8
-
8
ns
1.0V to 3.6V, CL = 100pF
t20
CLK Fall Time
-
8
-
8
ns
3.6V to 1.0V, CL = 100pF
t27
X1 HIGH to CLK
-
35
-
30
ns
(Note 4)
NOTES:
1. The parameters listed in this table are controlled via design or, process parameters and are not directly tested. These parameters are
characterized upon initial design and after major process and/or design changes.
2. Measured from 3.2V on the EFI waveform to 1.0V on the CLK.
3. Measured from 0.8V on the EFI waveform to 3.6V on the CLK.
4. Measured from 3.6V on the X1 input to 3.6V on the CLK.
UNTESTED SPECIFICATIONS (Continued)
SYMBOL
PARAMETER
10MHz
12.5MHz
UNITS
CONDlTIONS (NOTE 1)
MIN
MAX
MIN
MAX
3.2V
3.8V
0.4V
0.8V
3.6V
1.0V
3.6V
1.0V
0.4V
3.8V
0.4V
VCC - 0.4V
0.4V
2.4
0.4V
VCC - 0.4V
tSETUP
3.2V
0.8V
3.2V
0.8V
0.8V
2.0V
0.8V
2.0V
0.8V
tDELAY (MIN)
tDELAY (MAX)
EFI INPUT
CLK
F/C
RES
OTHER
DEVICE
tHOLD
0.8V
2.0V
0.8V
OUTPUT
DEVICE
INPUT
INPUT
INPUT
OUTPUT
FIGURE 7. A.C. DRIVE, SETUP, HOLD AND DELAY TIME
MEASUREMENT POINTS
tDELAY (MAX)
VCC - 0.8V
TEST CONDITION
RL
CL
1
750
75pF
2
620
150pF
3
75pF
VCC
RL
CL
DEVICE
OUTPUT
FIGURE 8.
82C284


Similar Part No. - ID82C284-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ID82C237 INTERSIL-ID82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
ID82C237-12 INTERSIL-ID82C237-12 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
More results

Similar Description - ID82C284-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C284 RENESAS-82C284 Datasheet
605Kb / 11P
   Clock Generator and Ready Interface for 80C286 Processors
June 2004
logo
Intersil Corporation
82C284883 INTERSIL-82C284883 Datasheet
222Kb / 9P
   Clock Generator and Ready Interface for 80C286 Processors
logo
Siemens Semiconductor G...
SAB82284 SIEMENS-SAB82284 Datasheet
353Kb / 14P
   clock generator and ready interface for sab 80286 processors
logo
UMC Corporation
UMC82C284 UMC-UMC82C284 Datasheet
617Kb / 7P
   Clock Generator and Ready Interface
logo
Intel Corporation
82285 INTEL-82285 Datasheet
408Kb / 7P
   CLOCK GENERATOR AND READY INTERFACE FOR I/O COPROCESSORS
82284 INTEL-82284 Datasheet
601Kb / 12P
   Clock Driver and Ready Interface for iAPX 286 Processors PRELMINARY
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com