Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C50A-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IP82C50A-5
Description  CMOS Asynchronous Communications Element
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP82C50A-5 Datasheet(HTML) 1 Page - Intersil Corporation

  IP82C50A-5 Datasheet HTML 1Page - Intersil Corporation IP82C50A-5 Datasheet HTML 2Page - Intersil Corporation IP82C50A-5 Datasheet HTML 3Page - Intersil Corporation IP82C50A-5 Datasheet HTML 4Page - Intersil Corporation IP82C50A-5 Datasheet HTML 5Page - Intersil Corporation IP82C50A-5 Datasheet HTML 6Page - Intersil Corporation IP82C50A-5 Datasheet HTML 7Page - Intersil Corporation IP82C50A-5 Datasheet HTML 8Page - Intersil Corporation IP82C50A-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
March 1997
82C50A
CMOS Asynchronous
Communications Element
Features
• Single Chip UART/BRG
• DC to 625K Baud (DC to 10MHz Clock)
• Crystal or External Clock Input
• On Chip Baud Rate Generator 1 to 65535 Divisor
Generates 16X Clock
• Prioritized Interrupt Mode
• Fully TTL/CMOS Compatible
• Microprocessor Bus Oriented Interface
• 80C86/80C88 Compatible
• Scaled SAJI IV CMOS Process
• Low Power - 1mA/MHz Typical
• Modem Interface
• Line Break Generation and Detection
• Loopback and Echo Modes
• Doubled Buffered Transmitter and Receiver
• Single 5V Supply
Description
The 82C50A Asynchronous Communication Element (ACE)
is a high performance programmable Universal Asynchro-
nous Receiver/Transmitter (UART) and Baud Rate Genera-
tor (BRG) on a single chip. Using Intersil’s advanced Scaled
SAJI IV CMOS Process, the ACE will support data rates
from DC to 625K baud (0-10MHz clock).
The ACE’s receiver circuitry converts start, data, stop, and
parity bits into a parallel data word. The transmitter circuitry
converts a parallel data word into serial form and appends
the start, parity, and stop bits. The word length is program-
mable to 5, 6, 7, or 8 data bits. Stop bit selection provides a
choice of 1,1.5, or 2 stop bits.
The Baud Rate Generator divides the clock by a divisor
programmable from 1 to 216-1 to provide standard RS-232C
baud rates when using any one of three industry standard
baud rate crystals (1.8432MHz, 2.4576MHz, or 3.072MHz).
A programmable buffered clock output (BAUDOUT) provides
either a buffered oscillator or 16X (16 times the data rate)
baud rate clock for general purpose system use.
To meet the system requirements of a CPU interfacing to an
asynchronous channel, the modem control signals RTS,
CTS, DSR, DTR, RI, DCD are provided. Inputs and outputs
have been designed with full TTL/CMOS compatibility in
order to facilitate mixed TTL/NMOS/CMOS system design.
Functional Diagram
Ordering Information
PACKAGE
TEMPERATURE
RANGE (oC)
625K BAUD
PKG.
NO.
PDIP
0 to +70
CP82C50A-5
E40.6
-40 to +85
IP82C50A-5
E40.6
PLCC
0 to +70
CS82C50A-5
N44.65
-40 to +85
IS82C50A-5
N44.65
CERDIP
0 to +70
CD82C50A-5
F40.6
-40 to +85
ID82C50A-5
F40.6
-55 to +125
MD82C50A-5/B
F40.6
D0
D1
D2
D3
D4
D5
D6
D7
1
2
3
4
5
6
7
8
A0
A1
A2
MR
DISTR
DISTR
DOSTR
DOSTR
28
27
26
35
22
21
19
18
CSO
CS1
CS2
12
13
14
ADS
25
MICROPROCESSOR INTERFACE
INTERRUPT
ENABLE,
ID, & CONTROL
30
INTRPT
23
DDIS
24
CSOUT
10
SIN
UART
MODEM
DIVISOR LATCH
AND BAUD RATE
GENERATOR
MODEM CONTROL
MODEM STATUS
RECEIVER
TRANSMITTER
9
RCLK
16
XTAL1
15 BAUDOUT
17
XTAL2
11
SOUT
32
RTS
33
DTR
34
OUT1
31
OUT2
36
CTS
37
DSR
38
DCD
39
RI
LINE STATUS
AND CONTROL
File Number
2958.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - IP82C50A-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IP82C52 INTERSIL-IP82C52 Datasheet
398Kb / 20P
   CMOS Serial Controller Interface
logo
Renesas Technology Corp
IP82C52 RENESAS-IP82C52 Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
Intersil Corporation
IP82C54 INTERSIL-IP82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
IP82C54 INTERSIL-IP82C54 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IP82C54-10 INTERSIL-IP82C54-10 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - IP82C50A-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com