Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB80C196KC Datasheet(PDF) 9 Page - Intel Corporation

Part # SB80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SB80C196KC Datasheet(HTML) 9 Page - Intel Corporation

Back Button SB80C196KC Datasheet HTML 5Page - Intel Corporation SB80C196KC Datasheet HTML 6Page - Intel Corporation SB80C196KC Datasheet HTML 7Page - Intel Corporation SB80C196KC Datasheet HTML 8Page - Intel Corporation SB80C196KC Datasheet HTML 9Page - Intel Corporation SB80C196KC Datasheet HTML 10Page - Intel Corporation SB80C196KC Datasheet HTML 11Page - Intel Corporation SB80C196KC Datasheet HTML 12Page - Intel Corporation SB80C196KC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
8XC196KC8XC196KC20
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage On Any Pin to VSS
b
05V to a70V(1)
Voltage from EA or
VPP to VSS or ANGND
a
1300V
Power Dissipation
15W(2)
NOTE
1 This includes VPP and EA on ROM or CPU only devices
2 Power dissipation is based on package heat transfer lim-
itations not device power consumption
NOTICE This is a production data sheet It is valid for
the devices indicated in the revision history The
specifications are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias Commercial Temp
0
a
70
C
TA
Ambient Temperature Under Bias Extended Temp
b
40
a
85
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
400
550
V
ANGND
Analog Ground Voltage
VSS b 04
VSS a 04
V(1)
FOSC
Oscillator Frequency (8XC196KC)
8
16
MHz
FOSC
Oscillator Frequency (8XC196KC20)
8
20
MHz
NOTE
1 ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS (Over Specified Operating Conditions)
Symbol
Description
Min
Typ
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage (Note 1)
02 VCC a 10
VCC a 05
V
VIH1
Input High Voltage on XTAL 1
07 VCC
VCC a 05
V
VIH2
Input High Voltage on RESET
22
VCC a 05
V
VHYS
Hysteresis on RESET
300
mV
VCC e 50V
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 28 mA
15
V
IOL e 7mA
VOL1
Output Low Voltage
08
V
IOL ea04 mA
in RESET on P25 (Note 2)
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
9


Similar Part No. - SB80C196KC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
SB80C186 AMD-SB80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-12 AMD-SB80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-16 AMD-SB80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-20 AMD-SB80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-25 AMD-SB80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - SB80C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196JQ INTEL-80C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C198 INTEL-87C198 Datasheet
833Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com