Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9067802MXC Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962-9067802MXC
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-9067802MXC Datasheet(HTML) 5 Page - Intersil Corporation

  5962-9067802MXC Datasheet HTML 1Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 2Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 3Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 4Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 5Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 6Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 7Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 8Page - Intersil Corporation 5962-9067802MXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3-132
80C286/883
HLDA Valid Delay
(Note 5)
15
VCC = 4.5V and
5.5V, CL = 100pF
IL = |2mA|
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
0
47
0
25
ns
NOTES:
1. Asynchronous inputs are INTR, NMI, HOLD, PEREQ, ERROR, and BUSY. This specification is given only for testing purposes, to assure
recognition at a specific CLK edge.
2. Delay from 1.0V on the CLK to 0.8V or 2.0V.
3. Delay from 1.0V on the CLK to 0.8V for Min (HOLD time) and to 2.0V for Max (inactive delay).
4. Delay from 1.0V on the CLK to 2.0V for Min (HOLD time) and to 0.8V for Max (active delay).
5. Delay from 1.0V on the CLK to 2.0V.
TABLE 3. 80C286/883 ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
80C286/883
UNITS
10MHz
12.5MHz
MIN
MAX
MIN
MAX
CLK Input Capacitance
CCLK
FREQ = 1MHz
5
TA = +25
oC
-
10
-
10
pF
Other Input Capacitance
CIN
FREQ = 1MH
5
TA = +25
oC
-
10
-
10
pF
I/O Capacitance
CI/O
FREQ = 1MH
5
TA = +25
oC
-
10
-
10
pF
Address/Status/Data
Float Delay
15
1, 3, 4, 5
-55oC
≤ T
A ≤ +125
oC
0
47
0
32
ns
Address Valid to Status
SETUP Time
19
IL = | 2.0mA|
1, 2, 5
-55oC
≤ T
A ≤ +125
oC
27
-
20
-
ns
NOTES:
1. Output Load: CL = 100pF.
2. Delay measured from address either reaching 0.8V or 2.0V (valid) to status going active reaching 0.8V or status going inactive reaching
2.0V.
3. Delay from 1.0V on the CLK to Float (no current drive) condition.
4. IL = -6mA (VOH to Float), IL = 8mA (VOL to Float).
5. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are char-
acterized upon initial design and after major process and/or design changes.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%
1
Final Test
100%
2, 3, 8A, 8B, 10, 11
Group A
-
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group C & D
Samples/5005
1, 7, 9
TABLE 2. 80C286/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS (Continued)
AC Timings are Referenced to 0.8V and 2.0V Points of the Signals as Illustrated in Datasheet Waveforms, Unless Otherwise Noted. Device
Guaranteed and 100% Tested.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
80C286/883
UNITS
10MHz
12.5MHz
MIN
MAX
MIN
MAX


Similar Part No. - 5962-9067802MXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-9067802MXC INTERSIL-5962-9067802MXC Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
5962-9067802MXC INTERSIL-5962-9067802MXC Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
5962-9067802MXC INTERSIL-5962-9067802MXC Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - 5962-9067802MXC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com