Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG80C286-20 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CG80C286-20
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CG80C286-20 Datasheet(HTML) 1 Page - Intersil Corporation

  CG80C286-20 Datasheet HTML 1Page - Intersil Corporation CG80C286-20 Datasheet HTML 2Page - Intersil Corporation CG80C286-20 Datasheet HTML 3Page - Intersil Corporation CG80C286-20 Datasheet HTML 4Page - Intersil Corporation CG80C286-20 Datasheet HTML 5Page - Intersil Corporation CG80C286-20 Datasheet HTML 6Page - Intersil Corporation CG80C286-20 Datasheet HTML 7Page - Intersil Corporation CG80C286-20 Datasheet HTML 8Page - Intersil Corporation CG80C286-20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3-128
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
80C286/883
High Performance Microprocessor with Memory
Management and Protection
Description
The Intersil 80C286/883 is a static CMOS version of the
NMOS 80286 microprocessor. The 80C286/883 is an
advanced, high-performance microprocessor with specially
optimized capabilities for multiple user and multi-tasking sys-
tems. The 80C286/883 has built-in memory protection that
supports operating system and task isolation as well as pro-
gram and data privacy within tasks. The 80C286/883
includes memory management capabilities that map 230
(one gigabyte) of virtual address space per task into 224
bytes (16 megabytes) of physical memory.
The 80C286/883 is upwardly compatible with 80C86 and
80C88 software (the 80C286/883 instruction set is a super-
set of the 80C86/80C88 instruction set). Using the 80C286/
883 real address mode, the 80C286/883 is object code com-
patible with existing 80C86 and 80C88 software. In protected
virtual address mode, the 80C286/883 is source code com-
patible with 80C86 and 80C88 software but may require
upgrading to use virtual address as supported by the
80C286/883’s integrated memory management and protec-
tion mechanism. Both modes operate at full 80C286/883
performance and execute a superset of the 80C86 and
80C88 instructions.
The 80C286/883 provides special operations to support the
efficient implementation and execution of operating systems.
For example, one instruction can end execution of one task,
save its state, switch to a new task, load its state, and start
execution of the new task. The segment-not-present excep-
tion and restartable instructions.
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Compatible with NMOS 80286/883
• Static CMOS Design for Low Power Operation
- ICCSB = 5mA Maximum
- ICCOP = 185mA Maximum (80C286-10/883)
- ICCOP = 220mA Maximum (80C286-12/883)
• Large Address Space
- 16 Megabytes Physical
- 1 Gigabyte Virtual per Task
• Integrated Memory Management, Four-Level Memory
Protection and Support for Virtual Memory and
Operating Systems
• Two 80C86 Upward Compatible Operating Modes
- 80C286/883 Real Address Mode
- Protected Virtual Address Mode
• Compatible with 80287 Numeric Data Co-Processor
March 1997
Ordering Information
PACKAGE
TEMP. RANGE
10MHz
12.5MHz
16MHz
20MHz
25MHz
PKG. NO.
68 Pin PGA
0oC to +70oC
-
CG80C286-12
CG80C286-16
CG80C286-20
-
G68.B
-40oC to +85oC
IG80C286-10
IG80C286-12
-
-
-
G68.B
-55oC to +125oC MG80C286-10/883 MG80C286-12/883
-
-
-
G68.B
5962-9067801MXC 5962-9067802MXC
-
-
-
G68.B
File Number
2948.1


Similar Part No. - CG80C286-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - CG80C286-20

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com