Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP025CH1R5D-A-BZ Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UP025CH1R5D-A-BZ
Description  Axial Leaded Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UP025CH1R5D-A-BZ Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UP025CH1R5D-A-BZ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Axial Leaded Ceramic Capacitors
UP025CH1R5D-A-BZ
Features
Item Summary
50V, 1.5pF, -0.5pF to 0.5pF, Axial
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 5000pcs
Products characteristics table
External Dimensions (EIA/JIS)
Axial/Axial
Rated Voltage (max)
50V
Capacitance
1.5pF
Capacitance Tolerance
-0.5pF to 0.5pF
Resistance
10,000 MΩ min.
Q (min)
430
Temperature Characteristics (EIA/JIS)
-/CH
Temperature Range (EIA/JIS)
-/-25 to +85℃
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
2.3mm -
D
2.0mm max
2015.02.05
1 / 1


Similar Part No. - UP025CH1R5D-A-BZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025CH1R2D-A-BZ TAIYO-YUDEN-UP025CH1R2D-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH1R8D-A-BZ TAIYO-YUDEN-UP025CH1R8D-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results

Similar Description - UP025CH1R5D-A-BZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH390J-A-BZ TAIYO-YUDEN-UP025CH390J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com