Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80C286-16 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IS80C286-16
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS80C286-16 Datasheet(HTML) 4 Page - Intersil Corporation

  IS80C286-16 Datasheet HTML 1Page - Intersil Corporation IS80C286-16 Datasheet HTML 2Page - Intersil Corporation IS80C286-16 Datasheet HTML 3Page - Intersil Corporation IS80C286-16 Datasheet HTML 4Page - Intersil Corporation IS80C286-16 Datasheet HTML 5Page - Intersil Corporation IS80C286-16 Datasheet HTML 6Page - Intersil Corporation IS80C286-16 Datasheet HTML 7Page - Intersil Corporation IS80C286-16 Datasheet HTML 8Page - Intersil Corporation IS80C286-16 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3-131
80C286/883
TABLE 2. 80C286/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS
AC Timings are Referenced to 0.8V and 2.0V Points of the Signals as Illustrated in Datasheet Waveforms, Unless Otherwise Noted. Device
Guaranteed and 100% Tested.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
80C286/883
UNITS
10MHz
12.5MHz
MIN
MAX
MIN
MAX
System Clock
(CLK) Period
1VCC = 4.5V and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
50
-
40
-
ns
System Clock
(CLK) Low Time
2VCC = 4.5V and 5.5V
at 1.0V
9, 10, 11
-55oC
≤T
A ≤ +125
oC
12
-
11
-
ns
System Clock (CLK)
High Time
3VCC = 4.5V and 5.5V
at 3.6V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
16
-
13
-
ns
Asynchronous Inputs
SETUP Time
(Note 1)
4VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
20
-
15
-
ns
Asynchronous Inputs
HOLD Time
(Note 1)
5VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
20
-
15
-
ns
RESET SETUP Time
6
VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
19
-
10
-
ns
RESET HOLD Time
7
VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC0
-
0
-
ns
Read Data
SETUP Time
8VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC8
-
5
-
ns
Read Data
HOLD Time
9VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC4
-
4
-
ns
READY SETUP Time
10
VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
26
-
20
-
ns
READY HOLD Time
11
VCC = 4.5V
and 5.5V
9, 10, 11
-55oC
≤T
A ≤ +125
oC
25
-
20
-
ns
Status/PEACK Active
Delay, (Note 4)
12A
VCC = 4.5V and
5.5V, CL = 100pF
IL = |2mA|
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
1
22
1
21
ns
Status/PEACK
Inactive Delay
(Note 3)
12B
VCC = 4.5V and
5.5V, CL = 100pF
IL = |2mA|
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
1
30
1
24
ns
Address Valid
Delay (Note 2)
13
VCC = 4.5V and
5.5V, CL = 100pF
IL = |2mA|
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
1
35
1
32
ns
Write Data
Valid Delay, (Note 2)
14
VCC = 4.5V and
5.5V, CL = 100pF
IL = |2mA|
9, 10, 11
-55oC
≤ T
A ≤ +125
oC
0
40
0
31
ns


Similar Part No. - IS80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS80C286-16 INTERSIL-IS80C286-16 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
IS80C286-16 INTERSIL-IS80C286-16 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - IS80C286-16

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com