Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6640 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6640_15 Datasheet HTML 6Page - Analog Devices AD6640_15 Datasheet HTML 7Page - Analog Devices AD6640_15 Datasheet HTML 8Page - Analog Devices AD6640_15 Datasheet HTML 9Page - Analog Devices AD6640_15 Datasheet HTML 10Page - Analog Devices AD6640_15 Datasheet HTML 11Page - Analog Devices AD6640_15 Datasheet HTML 12Page - Analog Devices AD6640_15 Datasheet HTML 13Page - Analog Devices AD6640_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD6640
–10–
REV. A
dc
0
–80
–120
–40
–100
–20
–60
ENCODE = 65MSPS
AIN = 19.5MHz @ –36dBFS
NO DITHER
6.5
13.0
19.5
26.0
32.5
FREQUENCY – MHz
TPC 13. 16K FFT without Dither
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
AIN = 19.5MHz
NO DITHER
SFDR = 80dB
REFERENCE LINE
TPC 14. SFDR without Dither
0
–80
–120
–40
–100
–20
–60
ENCODE = 50MSPS
AIN = 65.5MHz, 68.5MHz
NO DITHER
0
–90
–120
–30
–60
50
75
55
60
70
FREQUENCY – MHz
65
ALIASED
SIGNALS
ANALOG IF
FILTER MASK
TPC 15. IF Sampling at 70 MHz without Dither
0
–80
–120
–40
–100
–20
–60
ENCODE = 65MSPS
AIN = 19.5MHz @ –36dBFS
DITHER = –32.5dBm
dc
6.5
13.0
19.5
26.0
32.5
FREQUENCY – MHz
TPC 16. 16K FFT with Dither
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
AIN = 19.5MHz
DITHER = –32.5dBm
SFDR = 80dB
REFERENCE LINE
TPC 17. SFDR with Dither
50
75
55
60
65
70
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
ENCODE = 50MSPS
AIN = 65.5MHz, 68.5MHz
DITHER = –32.5dBm
–60
–90
–120
–30
0
ANALOG IF
FILTER MASK
ALIASED
SIGNALS
TPC 18. IF Sampling at 70 MHz with Dither


Similar Part No. - AD6640_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640_17 Datasheet
1Mb / 25P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results

Similar Description - AD6640_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Texas Instruments
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com