Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS00DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ACS00DMSR
Description  Radiation Hardened Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS00DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  ACS00DMSR Datasheet HTML 1Page - Intersil Corporation ACS00DMSR Datasheet HTML 2Page - Intersil Corporation ACS00DMSR Datasheet HTML 3Page - Intersil Corporation ACS00DMSR Datasheet HTML 4Page - Intersil Corporation ACS00DMSR Datasheet HTML 5Page - Intersil Corporation ACS00DMSR Datasheet HTML 6Page - Intersil Corporation ACS00DMSR Datasheet HTML 7Page - Intersil Corporation ACS00DMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 1 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 2 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test 3 (Post-Burn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing may be exercised in accordance with MIL-STD-883, Method 5005.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUP
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. BURN-IN TEST CONNECTIONS (+125oC < TA < 139oC)
OPEN
GROUND
1/2 VCC = 3V
±0.5V
VCC = 6V
±0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN 1 (Note 1)
-
1, 2, 4, 5, 7, 9, 10,
12, 13
3, 6, 8, 11
14
-
-
STATIC BURN-IN 2 (Note 1)
-
7
3, 6, 8, 11
1, 2, 4, 5, 9,
10, 12, 13, 14
--
DYNAMIC BURN-IN (Note 1)
-
7
3, 6, 8, 11
14
1, 2, 4, 5, 9,
10, 12, 13
-
NOTE:
1. Each pin except VCC and GND will have a series resistor of 500
Ω±5%.
TABLE 9. IRRADIATION TEST CONNECTIONS (TA = +25oC,
±5oC)
FUNCTION
OPEN
GROUND
VCC = 5V
±0.5V
Irradiation Circuit (Note 1)
3, 6, 8, 11
7
1, 2, 4, 5, 9, 10, 12, 13, 14
NOTE:
1. Each pin except VCC and GND will have a series resistor of 47k
Ω±5%. Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures.
Specifications ACS00MS
Spec Number
518813


Similar Part No. - ACS00DMSR

ManufacturerPart #DatasheetDescription
logo
EPCOS
ACS0.100KCV4TNLD EPCOS-ACS0.100KCV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
ACS0.100KDV4TNLD EPCOS-ACS0.100KDV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
ACS0.250KCV4TNLD EPCOS-ACS0.250KCV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
ACS0.250KDV4TNLD EPCOS-ACS0.250KDV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
ACS0.400KCV4TNLD EPCOS-ACS0.400KCV4TNLD Datasheet
137Kb / 8P
   Pressure transmitters for PCB mounting (voltage output)
More results

Similar Description - ACS00DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCS00MS INTERSIL-HCS00MS Datasheet
101Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS00MS INTERSIL-HCTS00MS Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP_016 TI1-SN54AC00-SP_016 Datasheet
193Kb / 10P
[Old version datasheet]   SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
logo
Intersil Corporation
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
   Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com