Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7143 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 1 Page - Analog Devices

  AD7143_15 Datasheet HTML 1Page - Analog Devices AD7143_15 Datasheet HTML 2Page - Analog Devices AD7143_15 Datasheet HTML 3Page - Analog Devices AD7143_15 Datasheet HTML 4Page - Analog Devices AD7143_15 Datasheet HTML 5Page - Analog Devices AD7143_15 Datasheet HTML 6Page - Analog Devices AD7143_15 Datasheet HTML 7Page - Analog Devices AD7143_15 Datasheet HTML 8Page - Analog Devices AD7143_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Programmable Controller for
Capacitance Touch Sensors
AD7143
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable capacitance-to-digital converter
25 ms update rate (@ maximum sequence length)
Better than 1 fF resolution
8 capacitance sensor input channels
No external RC tuning components required
Automatic conversion sequencer
On-chip automatic calibration logic
Automatic compensation for environmental changes
Automatic adaptive threshold and sensitivity levels
On-chip RAM to store calibration data
I2C®-compatible serial interface
Separate VDRIVE level for serial interface
Interrupt output for host controller
16-lead, 4 mm x 4 mm LFCSP-VQ
2.6 V to 3.6 V supply voltage
Low operating current
Full power mode: less than 1 mA
Low power mode: 50 μA
APPLICATIONS
Personal music and multimedia players
Cell phones
Digital still cameras
Smart hand-held devices
Television, A/V, and remote controls
Gaming consoles
FUNCTIONAL BLOCK DIAGRAM
CSHIELD
SRC
GND
CIN0
CIN1
CIN2
CIN3
CIN4
CIN5
CIN6
CIN7
VDRIVE
VCC
16-BIT
Σ-Δ
CDC
15
16
1
2
3
4
5
6
9
10
7
8
250kHz
EXCITATION
SOURCE
CONTROL
AND
DATA
REGISTERS
CALIBRA-
TION
ENGINE
CALIBRA-
TION
RAM
POWER-ON
RESET
LOGIC
SDA
SCLK
INT
INTERRUPT
LOGIC
I2C SERIAL INTERFACE
AND CONTROL LOGIC
13
14
12
11
AD7143
Figure 1.
GENERAL DESCRIPTION
The AD7143 is an integrated capacitance-to-digital converter
(CDC) with on-chip environmental calibration for use in
systems requiring a novel user input method. The AD7143
interfaces to external capacitance sensors implementing
functions, such as capacitive buttons, scroll bars, and
scroll wheels.
The CDC has eight inputs channeled through a switch matrix to
a 16-bit, 250 kHz sigma-delta (∑-Δ) capacitance-to-digital
converter. The CDC is capable of sensing changes in the
capacitance of the external sensors and uses this information to
register a sensor activation. The external sensors can be
arranged as a series of buttons, as a scroll bar or wheel, or as a
combination of sensor types. By programming the registers, the
user has full control over the CDC setup. High resolution
sensors require software to run on the host processor.
The AD7143 has on-chip calibration logic to account for
changes in the ambient environment. The calibration sequence is
performed automatically and at continuous intervals, while the
sensors are not touched. This ensures that there are no false or
nonregistering touches on the external sensors due to a
changing environment.
The AD7143 has an I2C-compatible serial interface and a
separate VDRIVE pin for I2C serial interface operating voltages
between 1.65 V and 3.6 V.
The AD7143 is available in a 16-lead, 4 mm × 4 mm LFCSP-VQ
and operates from a 2.6 V to 3.6 V supply. The operating
current consumption is less than 1 mA, falling to 50 μA in low
power mode (conversion interval of 400 ms).


Similar Part No. - AD7143_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
More results

Similar Description - AD7143_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com